Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3501UI-P2 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAW3501UI-P2
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3501UI-P2 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAW3501UI-P2 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 9Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 10Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 11Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 12Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PixArt Imaging Inc.
PAW3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.1 April. 2008
6. Referencing Application Circuit
6.1 Typical Application for PAW3501UI with Mechanical Encoder
C5
0.1uF
RFU
SW3
BL
SW2
BM
R9
1M
VCC_5V
R5
0?
+
C4
1uF
R8
1M
ENSW1
ENCODER
1
2
3
Z2
Z1
COM
C3
0.1uF
VDDQ
VCC_5V
D-
D+
R2
0?
VCC_5V
SW1
BR
RFU
VCC_5V
Note:
Please connect the RFU pin to USB connector shell
for future use,
PAW3501UP used the pin to switch USB or PS/2.
U1
PAW3501UI
22
3
24
2
23
7
19
6
5
18
16
20
17
21
1
9
15
4
8
10
11
12
14
13
BR
SR
TEST
Z2
RFU
DT
OSCOUT
BL
BM
OSCIN
VSS
D+
VDDQ
D-
Z1
B5
VDD5V
IRCTL
B4
CPI
VSSLED
LED
VREFA
VREFB
PIN7(DT)
PULL LOW
=> 3D3B
PULL HIGH => 2D2B
FLOATING
=> 3D5B
D1
LED
D-
R3
0?
SW4
B4
SW5
B5
PIN3(SR):
PULL LOW
=> -90 degree
PULL HIGH => +90 degree
FLOATING
=>
0 degree
X1
18.000MHZ
R7
0?
+ C1
1uF
R4
0?
R1
PIN10(CPI)
PULL LOW
=> 800CPI
PULL HIGH => 600CPI
FLOATING
=> 400CPI
R6
0?
VCC_5V
VCC_5V
VCC_5V
+
C2
10uF
D+
J1
USB CABLE
1
2
3
4
5
Figure 6. Application Circuit for PAW3501UI (Mechanical Encoder)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com