Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3501UI-P2 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAW3501UI-P2
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3501UI-P2 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAW3501UI-P2 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3501UI-P2 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PixArt Imaging Inc.
PAW3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.1 April. 2008
2. Block Diagram and Operation
CMOS
IMAGE
SENSOR
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
USB MOUSE CONTROLLER
DEBUNCE
LED
DRIVER
D+
D-
OSCILLATOR
BR
B4
BL
BM
LED
VREFA
VREFB
VDD5V
OSCIN
OSCOUT
USB
INTERFACE
BUTTON
RESONATOR
VOLTAGE
REFERENCE
5V
POWER
B5
Z-AXIS
COUNTER
Z1
Z2
WHEEL
VSS
VDDQ
18 MHZ
VSSLED
SR
SR CTRL
CPI
CPI CTRL
DT
DT CTRL
Figure 3. Block Diagram
PAW3501UI supports X, Y, Z three axes, and L, R, M, B4, B5 five buttons under USB mode. It is a CMOS
process optical mouse sensor single chip with USB interface that serves as a non-mechanical motion estimation
engine for implementing a computer mouse.
PAW3501UI is in a 24-pin optical package and comes with the resolution of 400/600/800 counts per inch (cpi)
and the rate of motion up to 28 inches per second. It includes USB interface so that no mouse controller is
needed to interface through USB. PAW3501UI can receive command and echo status or data format, both
complete Universal Serial Bus
® spec V1.1 and USB HID spec V1.1 compatibility. It is also a cost effective
solution to support USB Mouse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com