Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8M-R1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D8M-R1
Description  Solid State Pressure Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D8M-R1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  D8M-R1 Datasheet HTML 1Page - Omron Electronics LLC D8M-R1 Datasheet HTML 2Page - Omron Electronics LLC D8M-R1 Datasheet HTML 3Page - Omron Electronics LLC D8M-R1 Datasheet HTML 4Page - Omron Electronics LLC D8M-R1 Datasheet HTML 5Page - Omron Electronics LLC D8M-R1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Solid State Pressure Sensors
D8M
1
Solid State Pressure Sensors
D8M
Solid State Pressure Sensors with Pulse or
Frequency Outputs
• Compact housing measures 30L x 30W x 12.4H mm.
• Accept 4 mm OD tubing (D8M-R1); 6 mm OD tubing for
D8M-D82.
• Chemical-resistant plastic (PBT) body.
• Metal shield mounted version (D8M-D82) available.
• IP40 enclosure rating for embedded applications.
Ordering Information
Operating pressure
range
Output signal
Output frequency
Power supply
voltage
Withstand pressure
Model
0 to 4.9 kPa
(0 to 0.71 psi)
Pulse count,
1 pulse/9.81 Pa
(1/0.0014 psi)
—
2.2 to 3.4 VDC with
regulator
19.6 kPa (2.84 psi) for 5
minutes
D8M-D82
0 to 196.13 Pa
(0 to 0.028 psi)
Frequency,
1 kHz/9.81 Pa
(1 kHz/0.0014 psi)
80 to 300 kHz
4.2 to 5.5 VDC with
regulator
3 kPa (0.435 psi) for 10
seconds
D8M-R1


Similar Part No. - D8M-R1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D8M-R1 OMRON-D8M-R1 Datasheet
401Kb / 6P
Solid State Pressure Sensors
More results

Similar Description - D8M-R1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA100 CLARE-LDA100 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA110 CLARE-LDA110 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA211 CLARE-LDA211 Datasheet
70Kb / 5P
Solid State Current Sensors
logo
Omron Electronics LLC
D8M-D1 OMRON-D8M-D1 Datasheet
401Kb / 6P
Solid State Pressure Sensors with Analog, Pulse or Frequency Outputs
logo
Amphenol Corporation
P1302 AMPHENOL-P1302 Datasheet
72Kb / 4P
High reliability, solid state silicon pressure sensors
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
High reliability, solid state silicon pressure sensors
P111 AMPHENOL-P111 Datasheet
48Kb / 2P
Highly reliable, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
High reliability, solid state silicon pressure sensors
P112 AMPHENOL-P112 Datasheet
43Kb / 2P
High reliability, solid state silicon pressure sensors
logo
Omron Electronics LLC
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
Solid State Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com