Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8M-R1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D8M-R1
Description  Solid State Pressure Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D8M-R1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D8M-R1 Datasheet HTML 1Page - Omron Electronics LLC D8M-R1 Datasheet HTML 2Page - Omron Electronics LLC D8M-R1 Datasheet HTML 3Page - Omron Electronics LLC D8M-R1 Datasheet HTML 4Page - Omron Electronics LLC D8M-R1 Datasheet HTML 5Page - Omron Electronics LLC D8M-R1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Solid State Pressure Sensors
D8M
3
Operation
■ Response Timing Charts
D8M-D82
Legend: T1, Pressure measurement time
T2, Response time
T3, Electrical discharge time
D8M-R1
■ Interface Circuit Diagram
D8M-R1
Response time to 90% of 0.2kPa
Max. 3 seconds (excluding time for pressure change)
Application Examples
Compact D8M solid state pressure sensors provide reliable detection
for gas and air inflow for burner controls in water heaters, furnaces
and other gas-fired devices. They can also be used in gas usage
meters.
Model
T1T2T3
D8M-D82
1.5 ms min.
30 ms max.
45 ms max.
Response time to 90% of 0.2kPa
Max. 3 seconds (excluding time for pressure change)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com