Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # PFP
Description  DIN Rail Mounting Track
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 1 Page - Omron Electronics LLC

  PFP Datasheet HTML 1Page - Omron Electronics LLC PFP Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9
DIN Rail Mounting Track
PFP
Consolidate Mounting of Controls for
Orderly Cabinet Installations
1 Many Omron sockets, relays terminal blocks, controllers, amplifiers and power supplies
have built-in mounting clips to grip DIN rail track
1 Rugged anodized aluminum track
Ordering Information
Description
Part number
DIN rail track, 7.3 mm (0.29 in) depth; 50 cm (1.64 ft) length
PFP-50N
DIN rail track, 7.3 mm (0.29 in) depth; 1 m (3.28 ft) length
PFP-100N
DIN rail track, 16 mm depth (0.63 in); 1 m (3.28 ft) length
PFP-100N2
End plate
PFP-M
Spacer
PFP-S
Dimensions
Unit: mm (inch)
3 DIN RAIL MOUNTING TRACK
Mounting Track
PFP-100N
PFP-50N
4.5
15
25
25
25
25
10
10
1,000 (39.37) for PFP--100N
500 (19.69) for PFP--50N
7.3
.0.15
(0.29)
35
.0.3
27
.0.15
1
4.5
15
25
25
25
25 15
10
10
1,000 (39.37)
35
.0.3 27
24
16
(0.63)
29.2
11.5
PFP-100N2
End Plates
PFP-M
50
11.5
M4 x 8
pan head
screw
10
6.2
1.8
1
35.5 35.3
1.8
1.3
4.8
5
16
12
44.3
34.8
16.5
Spacers
PFP-S
M4 spring
washer
15 (5)*
10


Similar Part No. - PFP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP OMRON-PFP Datasheet
16Mb / 100P
Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PFP-100N OMRON-PFP-100N Datasheet
323Kb / 7P
GENERAL PURPOSE RELAY
PFP-100N OMRON-PFP-100N Datasheet
888Kb / 6P
Plug-In Safety Relay
PFP-100N OMRON-PFP-100N Datasheet
1Mb / 36P
Programmable Relay
PFP-100N OMRON-PFP-100N Datasheet
1Mb / 22P
Programmable Controller
More results

Similar Description - PFP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5ZNSCT24S500 OMRON-E5ZNSCT24S500 Datasheet
1Mb / 13P
New DIN Track Mounting Temperature Controller
logo
List of Unclassifed Man...
DNR-4790 ETC2-DNR-4790 Datasheet
31Kb / 1P
35mm DIN MOUNTING RAIL
76000977 ETC2-76000977 Datasheet
120Kb / 1P
Mounting Bracket ??DIN Rail
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
TRACO Electronic AG
TEP-MK1 TRACOPOWER-TEP-MK1 Datasheet
766Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TEQ-MK1 TRACOPOWER-TEQ-MK1 Datasheet
679Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK1 TRACOPOWER-TMDC-MK1 Datasheet
310Kb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK2 TRACOPOWER-TMDC-MK2 Datasheet
384Kb / 2P
DIN-Rail Mounting Clip
Rev. November 30, 2022
TMPW-MK1 TRACOPOWER-TMPW-MK1 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMPW-MK3 TRACOPOWER-TMPW-MK3 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com