Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MY2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # MY2
Description  General-purpose Relay
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  MY2 Datasheet HTML 1Page - Omron Electronics LLC MY2 Datasheet HTML 2Page - Omron Electronics LLC MY2 Datasheet HTML 3Page - Omron Electronics LLC MY2 Datasheet HTML 4Page - Omron Electronics LLC MY2 Datasheet HTML 5Page - Omron Electronics LLC MY2 Datasheet HTML 6Page - Omron Electronics LLC MY2 Datasheet HTML 7Page - Omron Electronics LLC MY2 Datasheet HTML 8Page - Omron Electronics LLC MY2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General-purpose Relay
MY
259
General-purpose Relay
MY
Versatile, Multi-featured, Miniature Power Relay
for Sequence Control and Power Switching
Applications
• Models with lockable test buttons now available.
• Multiple features available, including operation indicators (mechan-
ical and LED indicators), lockable test button, built-in diode and CR
(surge suppression), bifurcated contacts, etc.
• Environment-friendly cadmium-free contacts.
• Wide range of Sockets (PY, PYF Series) and optional parts.
• Max. Switching Current: 2-pole: 10 A, 4-pole: 5 A
• Provided with nameplate.
• RoHS Complaint.
LR
Ordering Information
■ Relays
Standard Coil Polarity
Reverse Coil Polarity
Note: 1. When ordering, add the rated coil voltage to the model number(s), followed by “(S)”. Rated coil voltages are given in the coil ratings table.
Example: MY2 AC12(S)
↑
Rated coil voltage
2. Arc barrier standard on all four-pole relays.
3. Other models also available, such as, three-pole versions, flangemount, PCB, etc. Contact your Omron Representative for details.
Type
Contact form
Model
Plug-in socket/solder terminals
Standard with LED
indicator
With LED indicator and
lockable test button
Without LED indicator
Standard
DPDT
MY2N
MY2IN
MY2
4PDT
MY4N
MY4IN
MY4
4PDT (bifurcated)
MY4ZN
MY4ZIN
MY4Z
With built-in diode
(DC only)
DPDT
MY2N-D2
MY2IN-D2
---
4PDT
MY4N-D2
MY4IN-D2
---
4PDT (bifurcated)
MY4ZN-D2
MY4ZIN-D2
---
With built-in CR
(220/240 VAC,
110/120 VAC only)
DPDT
MY2N-CR
MY2IN-CR
---
4PDT
MY4N-CR
MY4IN-CR
---
4PDT (bifurcated)
MY4ZN-CR
MY4ZIN-CR
---
Type
Contact form
Model
Plug-in socket/solder terminals
With LED indicator
With LED indicator and
lockable test button
Standard (DC only)
DPDT
MY2N1
MY2IN1
4PDT
MY4N1
MY4IN1
4PDT (bifurcated)
MY4ZN1
MY4ZIN1
With built-in diode
(DC only)
DPDT
MY2N1-D2
MY2IN1-D2
4PDT
MY4N1-D2
MY4IN1-D2
4PDT (bifurcated)
MY4ZN1-D2
MY4ZIN1-D2


Similar Part No. - MY2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY2 OMRON-MY2 Datasheet
878Kb / 27P
General-purpose Relays and Power Relays Sockets
01/07
MY2 OMRON-MY2 Datasheet
2Mb / 20P
General-purpose Relay
logo
Microsemi Corporation
MY200X MICROSEMI-MY200X Datasheet
116Kb / 3P
25AMP FAST RECOVERY FULL WAVE BRIDGE RECTIFIER
MY200X MICROSEMI-MY200X Datasheet
124Kb / 3P
25Amp Fast Recovery Full Wave Bridge Rectifier
logo
Micro Electronics
MY231A MICRO-ELECTRONICS-MY231A Datasheet
75Kb / 2P
0.3 DUAL DIGIT NUMERIC DISPLAYS
More results

Similar Description - MY2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
General Purpose Relay
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com