Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MY2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # MY2
Description  General-purpose Relay
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  MY2 Datasheet HTML 1Page - Omron Electronics LLC MY2 Datasheet HTML 2Page - Omron Electronics LLC MY2 Datasheet HTML 3Page - Omron Electronics LLC MY2 Datasheet HTML 4Page - Omron Electronics LLC MY2 Datasheet HTML 5Page - Omron Electronics LLC MY2 Datasheet HTML 6Page - Omron Electronics LLC MY2 Datasheet HTML 7Page - Omron Electronics LLC MY2 Datasheet HTML 8Page - Omron Electronics LLC MY2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
General-purpose Relay
MY
263
10000
5000
3000
1000
500
300
100
50
30
10
10000
5000
3000
1000
500
300
100
50
30
10
MY4Z (Resistive Loads)
MY4Z (Inductive Loads)
Switching Current (A)
250 VAC
30 VDC
250 VAC
30 VDC
250 VAC
250 VAC
30 VDC
30 VDC
Switching Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com