Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2K Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2K
Description  Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2K Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2K Datasheet HTML 1Page - Omron Electronics LLC XF2K Datasheet HTML 2Page - Omron Electronics LLC XF2K Datasheet HTML 3Page - Omron Electronics LLC XF2K Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
XF2K
25
Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
XF2K
Rotary Backlock Mechanism with a Depth
of 0.4 mm and Low Profile of 0.9 mm
• Long slider makes it easier to lock and unlock the connector.
• Dual contacts reduce the number of parts.
• Gold plated with an applicable FPC thickness of 0.2 mm.
• Halogen Free (See note)
Note: OMRON uses the following standard to determine halogen-
free construction: 900 ppm max. for Br, 900 ppm max. for Cl,
and 1,500 ppm max. for Br+Cl.
• RoHS Compliant
Ordering Information
Note: Please order by integer multiple of the quantity per reel.
Ratings and Specifications
■ Characteristics
■ Materials and Finish
Pins
Model
Quantity per reel (unit) (See Note)
57
XF2K-5715-3AE
2,000
Rated current
0.4 A AC/DC
Rated voltage
40 V AC/DC
Contact resistance
60 m
Ω max. (at 20 mV max., 100 mA max.)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Withstand voltage
250 VAC for 1 min (leakage current: 1 mA max.)
Insertion tolerance
20 times
Ambient operating temperature
−30 to 85°C (with no icing or condensation)
Housing
LCP resin (UL94V-0)/natural
Slider
LCP resin (UL94V-0)/brown
Contacts
Spring copper alloy/nickel substrate (2
μm),
Gold-plated contacts (0.15
μm)
Hold-down
Spring copper alloy/fused-tin plating (2
μm)


Similar Part No. - XF2K

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2-20 XFMRS-XF2-20 Datasheet
42Kb / 1P
TRANSFORMER
XF2-5GPOL XFMRS-XF2-5GPOL Datasheet
735Kb / 2P
TRANSFORMER MODULES
XF2-5GPOLA XFMRS-XF2-5GPOLA Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLB XFMRS-XF2-5GPOLB Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLC XFMRS-XF2-5GPOLC Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
More results

Similar Description - XF2K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2B OMRON-XF2B Datasheet
323Kb / 4P
Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
XF2C OMRON-XF2C Datasheet
296Kb / 4P
Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF2M OMRON-XF2M Datasheet
240Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF3A OMRON-XF3A Datasheet
278Kb / 4P
Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF3B OMRON-XF3B Datasheet
321Kb / 4P
Rotary Backlock Connector (0.3-mm Pitch, Dual Contact)
XF3C OMRON-XF3C Datasheet
278Kb / 4P
Rotary Backlock Connector (0.25-mm Pitch, Dual Contact)
XF3H OMRON-XF3H Datasheet
245Kb / 4P
Rotary Frontlock Connector (0.3-mm Pitch, Lower Contact)
XF2M_1011 OMRON-XF2M_1011 Datasheet
192Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF3M OMRON-XF3M Datasheet
399Kb / 4P
Rotary Backlock Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com