Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC701LP6C Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC701LP6C
Description  8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC701LP6C Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC701LP6C Datasheet HTML 5Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 6Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 7Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 8Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 9Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 10Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 11Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 12Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 10
Reference Path ’R’ Divider
the referenced path features a 14-bit divider (rfp_div_ratio, Reg03h<13:0> table 14) and can divide input signals
at up to 200 Mhz by numbers from 1 to 16,383. the selected input reference source may be divided or bypassed
(rfp_div_select), and applied to the phase detector reference input.
VCO Auto Tuning and Serial Port Clocks
the optional Vco auto tuning state machine and the Vco serial Port clocks use the undivided selected external
reference signal, as determined by rfp_xref_sin_select Reg12h<6> (table 29), and as shown in figure 10.
Reference Path Test Features
a fractional synthesizer is a complex combination of a low phase noise analog oscillator running in close proximity with
a nearly randomly modulated delta-sigma digital modulator.
clean spur free operation of the synthesizer requires proper board layout of power and grounds. spurious sources
are often difficult to identify and may be related to harmonics of the digital modulation which land near the operating
frequency of the Vco, or they may arise from repeating patterns in the digital modulation itself . the loop filter and the
fractional modulator are designed to suppress these fractional spurs, but it is sometimes the case that the isolation
of the spurious products comes from layout issues. the problem is how to identify the sources of spurious products
if they occur?
the reference path of the hMc701LP6ce features some interesting test options for clocking the digital portion of the
synthesizer which may provide for a better understanding of the source of reference spurs should they occur. see
figure 10, table 12 and table 29 for more register details.
it is possible for example to set the synthesizer to integer mode of operation, where the digital harmonics normally
fall directly on the Vco frequency. We might chose for example to use the sine source (rfp_buf_sine_sel=1, div_
todig_en=0) to drive the reference divider. in such a case the delta sigma modulator is not normally used, however if
we wish to test the effects of the digital power supply isolation, we could input a 2nd reference source on the square
wave input, enable its buffer (rfp_buf_sq_en=1), and enable the 2nd crystal to clock the unused delta sigma modulator
(sqr_todig_en=1 and dsm_xref_sin_select=0). this would allow the square wave clock to be set independently of
the locked integer mode Vco, and hence measure the coupling of the digital to the sidebands of the Vco at various
frequencies. such a test can help in identifying and debugging grounding and layout issues in the application circuit
related to the digital portion of the PcB should they occur. in general it is recommended to follow the suggested layout
closely to avoid any such problems.
Figure 10. Reference Path Block Diagram
HMC701LP6CE
v05.0110
8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com