Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC701LP6C Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC701LP6C
Description  8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC701LP6C Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC701LP6C Datasheet HTML 9Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 10Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 11Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 12Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 13Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 14Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 15Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 16Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 17Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 14
Figure 14. gpo_04 Outputs
Mirror of VCO Port Data, Clock, Latch Enable (gpo_sel=5)
setting register gpo_sel=5 (reg1Bh <3:0> table 37) mirrors the output of the Vco sP on the gpo pins.
Δ∑ Modulator Phase Accumulator (gpo_sel=6)
setting register gpo_sel=6 (Reg1Bh<3:0> table 37) assigns the three msb’s of the delta sigma modulator first
accumulator to GPo<3:1> , where GPo3 is the msb. this feature provides insight into the phase of the Vco.
Auxiliary Oscillators (gpo_sel=7)
setting register gpo_sel=7 (Reg1Bh<3:0> table 37) assigns an auxiliary clock, an internal ring oscillator, and the
internal sigma delta clock to GPo3, 2, 1 respectively. the control of the auxiliary clock is determined by reg18h table
34 and Reg19h table 35. in general terms, this highly flexible clock source allows the selection of one of the various
Vco or crystal related clocks inside the synthesizer or the selection of a flexible unstabilized auxiliary ring oscillator
clock. any of the sources may be routed out via gpo_sel=7. additional Reg18h table 34 clock controls allow the aux
clock to be delayed by a variable amount (auxclk_modesel Reg18h<3:2>), or to be divided down by even values from
2 to 14 (auxclk_divsel Reg18h<6:4>).
Auto Calibration Busy Flag (gpo_sel=8)
setting register gpo_sel=8 (Reg1B<3:0> table 37) assigns a “vco calibration busy flag” to GPo1. this output will be
high while the auto calibration is running.
HMC701LP6CE
v05.0110
8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com