Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC751LC4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC751LC4
Description  SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC751LC4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC751LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 348
HMC751LC4
SMT PHEMT LOW NOISE
AMPLIFIER, 17 - 27 GHz
v00.0409
General Description
Features
Functional Diagram
The HMC751LC4 is a high dynamic range GaAs
PHEMT MMIC Low Noise Amplifier (LNA) housed in
a leadless “Pb free” RoHS compliant SMT package.
The HMC751LC4 provides 25 dB of small signal
gain, 2.2 dB of noise figure and output IP3 of +25 dBm.
The P1dB output power of +13 dBm also enables the
LNA to function as a LO driver for balanced, I/Q or
image reject mixers. The HMC751LC4 allows the use
of surface mount manufacturing techniques.
Noise Figure: 2.2 dB
Gain: 25 dB
OIP3: +25 dBm
Single Supply: +4V @ 73 mA
50 Ohm Matched Input/Output
RoHS Compliant 4 x 4 mm Package
Electrical Specifications, T
A = +25° C, Vdd 1, 2, 3 = +4V
Typical Applications
The HMC751LC4 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment and Sensors
• Military
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
17 - 20
20 - 27
GHz
Gain
22
24
23
25
dB
Gain Variation Over Temperature
0.025
0.028
dB/ °C
Noise Figure
2.2
2.8
2.0
2.6
dB
Input Return Loss
17
15
dB
Output Return Loss
16
15
dB
Output Power for 1 dB Compression (P1dB)
13
13
dBm
Saturated Output Power (Psat)
15
15
dBm
Output Third Order Intercept (IP3)
25
25
dBm
Supply Current (Idd)(Vdd = +4V)
50
73
90
50
73
90
mA


Similar Part No. - HMC751LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
logo
Analog Devices
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
More results

Similar Description - HMC751LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC516 HITTITE-HMC516 Datasheet
320Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
logo
Custom MMIC Design Serv...
CMD163 MMIC-CMD163 Datasheet
226Kb / 9P
17-27 GHz Low Noise Amplifier
CMD163C4 MMIC-CMD163C4 Datasheet
258Kb / 10P
17-27 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com