Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC751LC4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC751LC4
Description  SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC751LC4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC751LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC751LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 349
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Gain vs. Temperature
Gain vs. Supply Voltage
Noise Figure vs. Temperature
Output IP3 vs. Temperature
HMC751LC4
v00.0409
SMT PHEMT LOW NOISE
AMPLIFIER, 17 - 27 GHz
14
16
18
20
22
24
26
28
30
14
16
18
20
22
24
26
28
30
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
14
16
18
20
22
24
26
28
30
14
16
18
20
22
24
26
28
30
4.5 V
4.0 V
3.5 V
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
14
16
18
20
22
24
26
28
30
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
14
16
18
20
22
24
26
28
30
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
0
2
4
6
8
10
14
16
18
20
22
24
26
28
30
+25 C
+85 C
-40 C
FREQUENCY (GHz)
14
16
18
20
22
24
26
28
30
14
16
18
20
22
24
26
28
30
+25 C
+85 C
- 40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com