Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SY310 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-SY310
Description  Photomicrosensor (Reflective)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SY310 Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-SY310 Datasheet HTML 1Page - Omron Electronics LLC EE-SY310 Datasheet HTML 2Page - Omron Electronics LLC EE-SY310 Datasheet HTML 3Page - Omron Electronics LLC EE-SY310 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
328
Photomicrosensor (Reflective)
EE-SY310/-SY410
Photomicrosensor (Reflective)
EE-SY310/-SY410
I Dimensions
Note: All units are in millimeters unless otherwise indicated.
I Features
• Incorporates an IC chip with a built-in detector element and amplifier.
• Incorporates a detector element with a built-in temperature com-
pensation circuit.
• Compact reflective model with a molded housing.
• A wide supply voltage range: 4.5 to 16 VDC
• Directly connects with C-MOS and TTL.
• Dark ON model (EE-SY310)
• Light ON model (EE-SY410)
• RoHS Compliant.
I Absolute Maximum Ratings (Ta = 25°C)
Note: 1. Refer to the temperature rating chart if the ambient temper-
ature exceeds 25
°C.
2. The pulse width is 10
µs maximum with a frequency of 100 Hz.
3. Complete soldering within 10 seconds.Ordering Information
I Ordering Information
I Electrical and Optical Characteristics (Ta = 25°C)
Internal Circuit
Dimensions
Tolerance
3 mm max.
±0.2
3
< mm ≤ 6
±0.24
6
< mm ≤ 10
±0.29
10
< mm ≤ 18
±0.35
18
< mm ≤ 30
±0.42
Terminal No.
Name
A
Anode
K
Cathode
V
Power supply
(Vcc)
O
Output (OUT)
G
Ground (GND)
A
K
V
G
O
Five, 0.3
Two. R2
Two. R1.5
15 to 18
17 to 24
Five, 0.5
Unless otherwise specified, the
tolerances are as shown below.
4.6
+0.2
−0.3
Item
Symbol
Rated value
Emitter
Forward current
I
F
50 mA (see note 1)
Reverse voltage
V
R
4 V
Pulse forward current I
FP
1 A (see note 2)
Detector
Power supply voltage V
CC
16 V
Output voltage
V
OUT
28 V
Output current
I
OUT
16 mA
Permissible output
dissipation
P
OUT
250 mW
(see note 1)
Ambient
temperature
Operating
Topr
–40
°C to 75°C
Storage
Tstg
–40
°C to 85°C
Soldering temperature
Tsol
260
°C (see note 3)
Description
Model
Photomicrosensor (reflective)
Dark ON
EE-SY310
Light ON
EE-SY410
Item
Symbol
Value
Condition
Emitter
Forward voltage
V
F
1.2 V typ., 1.5 V max.
I
F = 20 mA
Reverse current
I
R
0.01
µA typ., 10 µA max.
V
R = 4 V
Peak emission wavelength
λ
P
920 nm typ.
I
F = 20 mA
Detector
Low-level output voltage
V
OL
0.12 V typ., 0.4 V max.
Vcc = 4.5 to 16 V, I
OL = 16 mA,
without incident light (EE-SY310), with incident light
(EE-SY410) (see notes 1 and 2)
High-level output voltage
V
OH
15 V min.
Vcc = 16 V, R
L = 1 kΩ,
with incident light (EE-SY310), without incident light
(EE-SY410) (see notes 1 and 2)
Current consumption
I
CC
3.2 mA typ., 10 mA max.
Vcc = 16 V
Peak spectral sensitivity
wavelength
λ
P
870 nm typ.
V
CC = 4.5 to 16 V
LED current when output is OFF
I
FT
6 mA typ., 15 mA max.
V
CC = 4.5 to 16 V
LED current when output is ON
Hysteresis
∆H
17% typ.
V
CC = 4.5 to 16 V
Response frequency
f
50 Hz min.
V
CC = 4.5 to 16 V, IF = 15 mA, IOL = 16 mA
Response delay time
t
PLH (tPHL)3 µs typ.
V
CC = 4.5 to 16 V, IF = 15 mA, IOL = 16 mA
Response delay time
t
PHL (tPLH)
20
µs typ.
V
CC = 4.5 to 16 V, IF = 15 mA, IOL = 16 mA


Similar Part No. - EE-SY310

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SY313 OMRON-EE-SY313 Datasheet
219Kb / 4P
Photomicrosensor (Reflective)
More results

Similar Description - EE-SY310

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SY201 OMRON-EE-SY201 Datasheet
174Kb / 2P
Photomicrosensor (Reflective)
EE-SY169 OMRON-EE-SY169 Datasheet
671Kb / 4P
Photomicrosensor (Reflective)
EE-SY169A OMRON-EE-SY169A Datasheet
677Kb / 4P
Photomicrosensor (Reflective)
EE-SF5 OMRON-EE-SF5 Datasheet
722Kb / 4P
Photomicrosensor (Reflective)
EE-SY313 OMRON-EE-SY313 Datasheet
219Kb / 4P
Photomicrosensor (Reflective)
EE-SY110 OMRON-EE-SY110 Datasheet
252Kb / 4P
Photomicrosensor (Reflective)
EE-SY113 OMRON-EE-SY113 Datasheet
253Kb / 4P
Photomicrosensor (Reflective)
EE-SY124 OMRON-EE-SY124 Datasheet
372Kb / 4P
Photomicrosensor (Reflective)
EE-SY171 OMRON-EE-SY171 Datasheet
241Kb / 4P
Photomicrosensor (Reflective)
EE-SY193 OMRON-EE-SY193 Datasheet
302Kb / 6P
Photomicrosensor (Reflective)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com