Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SY310 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SY310
Description  Photomicrosensor (Reflective)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SY310 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SY310 Datasheet HTML 1Page - Omron Electronics LLC EE-SY310 Datasheet HTML 2Page - Omron Electronics LLC EE-SY310 Datasheet HTML 3Page - Omron Electronics LLC EE-SY310 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Photomicrosensor (Reflective)
EE-SY310/-SY410
329
I Engineering Data
Note: The values in the parentheses apply to the EE-SY410.
Input
Output
Input
Output
EE-SY310
EE-SY410
200 mm dia.
15 mm
5 mm
15 mm
15 mm
(tPLH)
(tPHL)(tPLH)
(tPHL)
Note: 1.With incident light" denotes the condition whereby
the light reflected by white paper with a reflection
factor of 90% at a sensing distance of 5 mm is
received by the photo IC when the forward current (IF)
of the LED is 20 mA.
2. Sensing object: White paper with a reflection factor of
90% at a sensing distance of 5 mm.
3. Hysteresis denotes the difference in forward LED
current value, expressed in percentage, calculated
from the respective forward LED currents when the
photo IC is turned from ON to OFF and when the
photo IC is turned from OFF to ON.
4. The value of the response frequency is measured by rotating
the disk as shown below.
5. The following illustrations show the definition of response delay
time. The value in the parentheses applies to the EE-SY410.
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
LED Current vs. Supply Voltage
(Typical)
LED Current vs. Ambient
Temperature Characteristics
(Typical)
Low-level Output Voltage vs.
Output Current (Typical)
Current Consumption vs. Supply
Voltage (Typical)
Response Delay Time vs. Forward
Current (Typical)
Sensing Position Characteristics
(Typical)
Low-level Output Voltage vs.
Ambient Temperature
Characteristics (Typical)
Distance d1 (mm)
IFT OFF (IFT ON)
IFT ON (IFT OFF)
IFT OFF (IFT ON)
IFT ON (IFT OFF)
IOL = 16 mA
IOL = 5 mA
VOUT
(EE-SY3
@@)
VOUT
(EE-SY4
@@)
tPHL (tPLH)
Sensing object: White
paper with a reflection
factor of 90%
I
F = 20 mA
V
CC = 5 V
Ta = 25
°C
Operate
Release
Forward voltage VF (V)
Supply voltage VCC (V)
Supply voltage VCC (V)
Forward current IF (mA)
VCC = 5 V
IF = 0 mA (15 mA)
Ta = 25
°C
IF = 0 mA (15 mA)
VCC = 5 V
RL = 330
Ω
Ta = 25
°C
Ambient temperature Ta (
°C)
Ta = 25
°C
RL = 1 k
Ω
VCC = 5 V
Ta = 25
°C
Ambient temperature Ta (
°C)
VCC = 5 V
RL = 330
Ω
Ta =
−30°C
Ta = 25
°C
Ta = 70
°C
Output current IOUT (mA)
Ambient temperature Ta (
°C)
IF = 0 mA (15 mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com