Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5MS5122DFR Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # H5MS5122DFR
Description  Mobile DDR SDRAM 512Mbit (16M x 32bit)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5MS5122DFR Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button H5MS5122DFR Datasheet HTML 9Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 10Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 11Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 12Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 13Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 14Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 15Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 16Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Rev 1.2 / Jul. 2008
13
11
Mobile DDR SDRAM 512Mbit (16M x 32bit)
H5MS5122DFR Series / H5MS5132DFR Series
COMMAND TRUTH TABLE
DM TRUTH TABLE
Note:
1. All states and sequences not shown are illegal or reserved.
2. DESLECT and NOP are functionally interchangeable.
3. Autoprecharge is non-persistent. A10 High enables Autoprecharge, while A10 Low disables Autoprecharge
4. Burst Terminate applies to only Read bursts with auto precharge disabled. This command is undefined and should not be used for
Read with Autoprecharge enabled, and for Write bursts.
5. This command is BURST TERMINATE if CKE is High and DEEP POWER DOWN entry if CKE is Low.
6. If A10 is low, bank address determines which bank is to be precharged. If A10 is high, all banks are precharged and BA0-BA1 are
don
't care.
7. This command is AUTO REFRESH if CKE is High, and SELF REFRESH if CKE is low.
8. All address inputs and I/O are
''don't care'' except for CKE. Internal refresh counters control Bank and Row addressing.
9. All banks must be precharged before issuing an AUTO-REFRESH or SELF REFRESH command.
10. BA0 and BA1 value select among MRS, EMRS and SRR.
11. Used to mask write data, provided coincident with the corresponding data.
12. CKE is HIGH for all commands shown except SELF REFRESH and DEEP POWER-DOWN.
Function
CS
RAS
CAS
WE
BA
A10/AP ADDR Note
DESELECT (NOP)
H
X
X
X
X
X
X
2
NO OPERATION (NOP)
L
H
H
H
X
X
X
2
ACTIVE (Select Bank and activate Row)
L
L
H
H
V
Row
Row
READ (Select bank and column and start read burst)
L
H
L
H
V
L
Col
READ with AP (Read Burst with Autoprecharge)
L
H
L
H
V
H
Col
3
WRITE (Select bank and column and start write
burst)
L
H
L
L
V
L
Col
WRITE with AP (Write Burst with Autoprecharge)
L
H
L
L
V
H
Col
3
BURST TERMINATE or enter DEEP POWER DOWN
L
H
H
L
X
X
X
4, 5
PRECHARGE (Deactivate Row in selected bank)
L
L
H
L
V
L
X
6
PRECHARGE ALL (Deactivate rows in all Banks)
L
L
H
L
X
H
X
6
AUTO REFRESH or enter SELF REFRESH
L
L
L
H
X
X
X
7,8,9
MODE REGISTER SET
L
L
L
L
V
Op code
10
Function
DM
DQ
Note
Write Enable
L
Valid
11
Write Inhibit
H
X
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com