Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5MS5122DFR Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # H5MS5122DFR
Description  Mobile DDR SDRAM 512Mbit (16M x 32bit)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5MS5122DFR Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button H5MS5122DFR Datasheet HTML 17Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 18Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 19Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 20Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 21Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 22Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 23Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 24Page - Hynix Semiconductor H5MS5122DFR Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Rev 1.2 / Jul. 2008
21
11
Mobile DDR SDRAM 512Mbit (16M x 32bit)
H5MS5122DFR Series / H5MS5132DFR Series
Mobile DDR OUTPUT SLEW RATE CHARACTERRISTICS
Note:
1. Measured with a test load of 20pF connected to VSSQ
2. Output slew rate for rising edge is measured between VILD(DC) to VIHD(AC) and for falling edge between VIHD(DC) to VILD(AC)
3. The ratio of pull-up slew rate to pull-down slew rate is specified for the same temperature and voltage, over the entire temperature
and voltage range. For a given output, it represents the maximum difference between pull-up and pull-down drivers due to process
variation.
Mobile DDR AC OVERSHOOT / UNDERSHOOT SPECIFICATION
Note:
1. This specification is intended for devices with no clamp protection and is guaranteed by design.
Parameter
Min
Max
Unit
Note
Pull-up and Pull-Down Slew Rate for Full Strength Driver
0.7
2.5
V/ns
1, 2
Pull-up and Pull-Down Slew Rate for Half Strength Driver
0.3
1.0
V/ns
1, 2
Output Slew Rate Matching ratio (Pull-up to Pull-down)
0.7
1.4
-
3
Parameter
Specification
Maximum peak amplitude allowed for overshoot
0.5V
Maximum peak amplitude allowed for undershoot
0.5V
The area between overshoot signal and VDD must be less than or equal to
3V-ns
The area between undershoot signal and GND must be less than or equal to
3V-ns
2.5V
2.0V
1.5V
1.0V
0.5V
0.0V
-0.5V
Overshoot
Undershoot
VDD
VSS
Max. Amplitude = 0.5V
Max. Area = 3V-ns
Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com