Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1815 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # C1815
Description  AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C1815 Datasheet(HTML) 1 Page - Unisonic Technologies

  C1815 Datasheet HTML 1Page - Unisonic Technologies C1815 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC2SC1815
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-006,A
AUDIO FREQUENCY AMPLIFIER
HIGH FREQUENCY OSC NPN
TRANSISTOR
FEATURES
*Collector-Emitter voltage:
BVCEO=50V
*Collector current up to 150mA
* High hFE linearity
*complimentary to 2SA1015
TO-92
1
1:EMITTER 2:COLLECTOR 3. BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector dissipation(Ta=25
°C)
Pc
400
mW
Collector current
Ic
150
mA
Base current
IB
50
mA
Junction Temperature
Tj
125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector cut-off current
ICBO
VCB=60V,IE=0
100
nA
Emitter cut-off current
IEBO
VEB=5V,Ic=0
100
nA
DC current gain(note)
hFE1
hFE2
VCE=6V,Ic=2mA
VCE=6V,Ic=150mA
70
25
700
Collector-emitter saturation voltage
VCE(sat)
Ic=100mA,IB=10mA
0.1
0.25
V
Base-emitter saturation voltage
VBE(sat)
Ic=100mA,IB=10mA
1.0
V
Current gain bandwidth product
fT
VCE=10V,Ic=50mA
80
MHz
Output capacitance
Cob
VCB=10V,IE=0,f=1MHz
2.0
3.0
pF
Noise Figure
NF
Ic=-0.1mA,VCE=6V
RG=10k
Ω,f=100Hz
1.0
1.0
dB


Similar Part No. - C1815

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
C1815 TOSHIBA-C1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
logo
Fairchild Semiconductor
C1815 FAIRCHILD-C1815 Datasheet
44Kb / 4P
Audio Frequency Amplifier & High Frequency OSC
logo
Hi-Sincerity Mocroelect...
C1815 HSMC-C1815 Datasheet
35Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Micro Electronics
C1815 MICRO-ELECTRONICS-C1815 Datasheet
168Kb / 2P
NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
C1815 ETC-C1815 Datasheet
1Mb / 2P
TRANSISTOR NPN
More results

Similar Description - C1815

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC945 SAMSUNG-KSC945 Datasheet
79Kb / 2P
NPN (AUDIO, HIGH FREQUENCY AMPLIFIER, OSC.)
logo
Fairchild Semiconductor
FJX945 FAIRCHILD-FJX945 Datasheet
48Kb / 4P
Audio Frequency Amplifier High Frequency OSC.
logo
Unisonic Technologies
2SC1815 UTC-2SC1815_05 Datasheet
165Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
KSC945 UTC-KSC945 Datasheet
75Kb / 2P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC945 UTC-2SC945_09 Datasheet
186Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815 UTC-2SC1815_11 Datasheet
215Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
MMBT945 UTC-MMBT945 Datasheet
185Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
KSC945YTA FAIRCHILD-KSC945YTA Datasheet
48Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com