Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1815 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # C1815
Description  AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C1815 Datasheet(HTML) 2 Page - Unisonic Technologies

  C1815 Datasheet HTML 1Page - Unisonic Technologies C1815 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC2SC1815
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R201-006,A
CLASSIFICATION OF hFE1
RANK
Y
G
L
RANGE
120-240
200-400
350-700
TYPICAL CHARACTERISTIC CURVES
Fig.1 Static characteristics
Collector-Emitter voltage ( V)
04
8
12
16
20
0
20
40
60
80
100
Fig.2 DC current Gain
Ic,Collector current (mA)
10
2
10
1
10
0
10
3
10
3
10
2
10
1
10
0
10
-1
VCE=6V
Fig.3 Base-Emitter on Voltage
10
-1
10
0
10
1
10
2
Base-Emitter voltage (V)
0
0.2
0.4
0.6
0.8
1.0
VCE=6V
Ic,Collector current (mA)
10
3
10
2
10
1
10
0
10
-1
10
1
10
2
10
3
10
4
Fig.4 Saturation voltage
Fig.5 Current gain-bandwidth
product
Fig.6 Collector output
Capacitance
VCE(sat)
VBE(sat)
Ic=10*IB
Ic,Collector current (mA)
10
0
10
1
10
2
10
3
10
0
10
1
10
2
VCE=6V
Collector-Base voltage (V)
10
0
10
1
10
2
10
0
10
1
10
2
10
3
f=1MHz
IE=0
IB=50
µA
IB=100
µA
IB=150
µA
IB=200
µA
IB=250
µA
IB=300
µA
10
-1
10
-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com