Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM358 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCLM358
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM358 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCLM358 Datasheet HTML 1Page - Unisonic Technologies UTCLM358 Datasheet HTML 2Page - Unisonic Technologies UTCLM358 Datasheet HTML 3Page - Unisonic Technologies UTCLM358 Datasheet HTML 4Page - Unisonic Technologies UTCLM358 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTCLM358
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO.,LTD.
3
QW-R105-001,A
ELECTRICAL CHARACTERISTICS(Vcc=5.0V,VEE=GND,TA=25
°C, unless otherwise specified£ ©
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VCM=0V toVCC-1.5V
VO(P)=1.4V,RS=0
Ω
2.9
7.0
mV
Input Offset Current
IIO
5
50
nA
Input Bias Current
IBIAS
45
250
nA
Input Common Mode Voltage
VI(R)
VCC=30V
0
VCC-1.5
V
Power Supply Current
ICC
RL=
∝,VCC=30V
0.8
2.0
mA
RL=
∝,Full Temperature
Range
0.5
1.2
mA
Large Signal Voltage Gain
GV
VCC=15V,RL>=2K
Ω
VO(P)=1V to 11V
25
100
V/mV
Output Voltage Swing
VO(H)
VCC=30V,RL=2K
Ω
26
V
VCC=30V,RL=10K
Ω
27
28
V
VO(L)
VCC=5V,RL>=10K
Ω
5
20
mV
Common Mode Rejection
Ratio
CMRR
65
80
dB
Power Supply Rejection
Ratio
PSRR
65
100
dB
Channel Separation
CS
f=1KHZ to 20KHZ
120
dB
Short Circuit Current to
Ground
ISC
40
60
mA
Output Current
ISOURCE
VI(+)=1V,VI(-)=0V
VCC=15V,VO(P)=2V
10
30
mA
ISINK
VI(+)=0V,VI(-)=1V
VCC=15V,VO(P)=2V
10
15
mA
VI(+)=0V,VI(-)=1V
VCC=15V,VO(P)=200mV
12
100
mA
Differential Input Voltage
VI(DIFF)
VCC
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com