Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM358 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTCLM358
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM358 Datasheet(HTML) 5 Page - Unisonic Technologies

  UTCLM358 Datasheet HTML 1Page - Unisonic Technologies UTCLM358 Datasheet HTML 2Page - Unisonic Technologies UTCLM358 Datasheet HTML 3Page - Unisonic Technologies UTCLM358 Datasheet HTML 4Page - Unisonic Technologies UTCLM358 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UTCLM358
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO.,LTD.
5
QW-R105-001,A
Timeä (
µs)
Frequency (Hz)
6
10
4
10
10
3
5
10
0
5
10
15
Fig. 9 Gain vs Large Signal Frequency
100k
2k
1k
Vi
+15V
+7V
Vcc
Vcc/
2
Io
Vo
Vcc=+5V
Vcc=+15V
Vcc=+30V
10
-3
10
-2
10
-1
1
10
2
10
10
-1
1
10
Fig. 11 Output Sink Current vs Output Voltage
Output Sink Current (mA)
10
-1
10
-2
10
-3
10
2
10
1
1
2
3
4
5
6
7
8
Vcc
Vcc/
2
Io
Vo
Ta=25¢XC
Fig. 10 Output Current Sinking vs Output Voltage
Output Source Current (mA)
Fig. 8 Voltage Follower Response (Small Signal)
0
1
2
3
4
5
6
7
8
9
300
350
400
450
Time (uS)
RL=2k
Ω
Vcc=15V
0
1
2
3
2
3
1
0
0
10
20
30
40
50
Fig. 7 Voltage Follower Pulse Response
-50
-25
0
25
50
75
100
0
20
40
60
TemperatureÈ
(¢XC)
Fig.12 Current Limiting vs Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com