Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSTTPC Datasheet(PDF) 3 Page - Powersem GmbH

Part # PSTTPC
Description  Active Trigger Units for Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSTTPC Datasheet(HTML) 3 Page - Powersem GmbH

  PSTTPC Datasheet HTML 1Page - Powersem GmbH PSTTPC Datasheet HTML 2Page - Powersem GmbH PSTTPC Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PSTT PC / PSTT SC / PSTT ZC
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
3/3
 2006 POWERSEM reserves the right to change limits, test conditions and dimensions
The thyristor is triggered from a current source with a maximum voltage of 22V. This
allows for twisted gate leads of up to 1m while maintaining a high rate of rise of the gate
current.
Note that the envelope of the voltage across the thyristor to be triggered can have any
desired shape provided the rms value is below Vm and the peak value does not exceed
Vp.
Both the PSTT SC and PSTT ZC have one control input only. This means that the
thyristor with a positive anode voltage will be triggered when a control signal is present.
The connection diagrams below show the typical application of the Active Trigger in
mains operated systems using thyristors with current ratings from a few Amps up to
several thousand Amps.
CONNECTING DIAGRAMS
+Vs
A2
G2
K2
G1
K1
+
+
-
-
12mA
sink
Logic
Output
PSTT PC
+Vs
K1
G1
G2
K2
+
-
12mA
sink
Logic
Output
PSTT SC
PSTT ZC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com