Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSTTPC Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSTTPC
Description  Active Trigger Units for Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSTTPC Datasheet(HTML) 2 Page - Powersem GmbH

  PSTTPC Datasheet HTML 1Page - Powersem GmbH PSTTPC Datasheet HTML 2Page - Powersem GmbH PSTTPC Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSTT PC / PSTT SC / PSTT ZC
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2/3
 2006 POWERSEM reserves the right to change limits, test conditions and dimensions
TECHNICAL DATA at 25°C
Type
PSTT PC/12
PSTT PC/20
PSTT SC/12
PSTT SC/20
Parameter
Symbol
PSTT ZC/12
PSTT ZC/20
Unit
200mA gate current threshold
Vgtl
10
16
V
1.2A gate current threshold
Vgth
24
36
V
100V
2.5
1.2
A/µs
200V
3
2
A/µs
400V
4
2.5
A/µs
800V
6
3
A/µs
Gate current rise time at anode
Voltage of
1200V
(di/dt)g
4
A/µs
Peak gate current (typical)
Ip
1.3
1.3
A
Anode-cathode current at Vp
In
4.4
5.1
mA
Maximum off state gate current
Io
2*
2*
µA
Minimum control current
Icm
7
7
mA
Recommended control current
Ic
12
12
mA
Control input voltage drop at 12mA
Vin
typ. 1.2<1.5
typ. 1.2<1.5
V
Maximum reverse control input voltage
Vinr
6
6
V
Turn-on delay time at Ic=12mA
tdi
25
25
µs
Zero crossing threshold for PSTT ZC
Vzt
<20
<20
V
*PSTT ZC < 40µA
HIGHLIGHTS
Economic – very easy to use – small size – powerful gate pulse triggers large and small
thyristors. Eliminates gate drive power supply – proven reliability in harsh industrial
environment.
APPLICATION INFORMATIONS
As the gate current is derived from the anode of the thyristor, the control circuit only
needs to supply the recommended control current which can be supplied directly from
the output of many logic devices. It is advisable to maintain the control current over the
entire conduction period of the thyristor. Once the thyristor is triggered, the gate current
ceases to flow because the anode voltage drops below the threshold voltage.
The control input consists of the light emitting diode of an optocoupler. Any such optical
component is subject to aging at elevated temperatures. Although the minimum control
current Icm is well below 7mA, a 12mA control signal is recommended to ensure reliable
operation beyond 100’000 hours in a worst case design. The turn-on delay tdi can be
reduced by pulse shaping, because it is inversely proportional to the control current.
Because the device derives its power from the anode of the thyristor, a minimum
operating voltage is required before any current can flow from the anode to the gate.
This threshold voltage limits the minimum regulated output voltage. For example for a
single-phase 115V ac controller triggered by a 1200V unit it is below 0.12%. For a 400V
supply it is much less and can safely be neglected in most applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com