Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDI50 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSDI50
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSDI50 Datasheet(HTML) 1 Page - Powersem GmbH

  PSDI50 Datasheet HTML 1Page - Powersem GmbH PSDI50 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECO-PAC TM 2
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2004 POWERSEM reserves the right to change limits, test conditions and dimensions
Three Phase Rectifier Bridge
PSDI 50/12
VRRM
= 1200 V
with IGBT and Fast Recovery Diode
IdAVM
= 56 A
for Braking System in ECO-PACTM 2
Input Rectifier D1 – D6
Symbol Test Conditions
Maximum Ratings
VRRM
1600
V
IFAV
TC = 100°C;
180° sine
22
A
IDAVM
TC = 100°C;
180° sine
56
A
IFSM
TVJ = 25°C
t = 10 ms
(50 Hz), sine
300
A
Ptot
TC = 25°C
90
W
Symbol Test Conditions
Characteristic Value
(TVJ= 25°C, unless otherwise specified)
typ.
max.
IR
VR = VRRM,
TVJ = 25°C
0.2
mA
VR = 0.8
.VRRM TVJ = 125°C
0.4
mA
VF
IF = 45A,
TVJ = 25°C
1.3
1.6
V
TVJ = 125°C
1.2
V
RthJC
per diode
1.45
K/W
RthJH
with heat transfer paste
1.8
K/W
Chopper Diode D
Symbol Test Conditions
Maximum Ratings
VRRM
1200
V
IF25
DC ; TC = 25°C;
15
A
IF80
DC; TC = 80°C;
10
A
Symbol Test Conditions
Characteristic Value
typ.
max.
IR
VR = VRRM, TVJ = 25°C
0.06
mA
TVJ = 125°C
0.06
mA
VF
IF = 10A,
TVJ = 25°C
2.6
3.0
V
TVJ = 125°C
1.9
V
IRM
IF = 10A, diF/dt = -400 A/µs, TVJ = 125°C
13
A
trr
VR = 600 V
110
ns
RthJC
3.5
K/W
RthJH
with heat transfer paste
5
K/W
Features
• three phase mains rectifier
• brake chopper:
- IGBT with low saturation voltage
- HiPerFREDTM free wheeling diode
• module package:
- high level of integration
- solder terminals for pcb mounting
- isolated DCB ceramic base plate
• UL registered, E 148688
Applications
Drives with
• mains input
• DC link
• inverter or chopper deeding the
machine
• motor and generator/brake operation
Preliminary Data Sheet
D1
D3
D2
D4
D6
D5
D1
T
A4
N7
L9
R9
V16
X18
K1
D1
G1
~
~
~


Similar Part No. - PSDI50

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSDI33 POWERSEM-PSDI33 Datasheet
177Kb / 2P
Three Phase Rectifier Bridge
PSDI33/06 POWERSEM-PSDI33/06 Datasheet
177Kb / 2P
Three Phase Rectifier Bridge
logo
Tycon Systems, Inc.
PSDIN TYCONSYSTEMS-PSDIN Datasheet
519Kb / 2P
DIN Rail Industrial Power Supplies
PSDIN-48-120W TYCONSYSTEMS-PSDIN-48-120W Datasheet
519Kb / 2P
DIN Rail Industrial Power Supplies
PSDIN-48-240W TYCONSYSTEMS-PSDIN-48-240W Datasheet
519Kb / 2P
DIN Rail Industrial Power Supplies
More results

Similar Description - PSDI50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com