Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDI50 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSDI50
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSDI50 Datasheet(HTML) 2 Page - Powersem GmbH

  PSDI50 Datasheet HTML 1Page - Powersem GmbH PSDI50 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSDI 50/12
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2004 POWERSEM reserves the right to change limits, test conditions and dimensions
Chopper Transistor T
Symbol Conditions
Maximum Ratings
VCES
TVJ = 25°C to 150°C
1200
V
VGES
±20
V
IC25
DC; TC = 25°C;
18
A
IC80
DC; TC = 80°C;
14
A
ICM
RG = 82 Ω, VGE = ±15 V, TVJ = 125°C
20
A
VCEK
RBSOA; L= 100µH; clamped inductive load
VCES
Symbol Test Conditions
Characteristic Value
(TVJ=25°C, unless otherwise specified)
min.
typ. max.
ICES
VCE = VCES, VGE = 0 V, TVJ = 25°C
0.05
mA
TVJ = 125°C
0.8
mA
IGES
VCE = 0 V, VGE = ±20 V
200
nA
VCE(sat)
IC = 10A, VGE = 15 V
TVJ = 25°C
2.3
2.7
V
TVJ = 125°C
2.7
V
VGE(th)
IC = 0.4mA, VGE = VCE
4.5
6.5
V
td(on)
50
ns
tr
Inductive load, TVJ = 125°C
40
ns
td(off)
VCE = 600 V, IC = 10A
290
ns
tf
RG = 82 Ω, VGE = ±15 V
60
ns
Eon
1.2
mJ
Eoff
1.1
mJ
Cies
VCE = 25 V, VGE = 0 V, f= 1 MHz
600
pF
QGon
VCE = 600 V, VGE = 15 V, IC = 10A
45
nC
RthJC
1.4
K/W
RthJH
with heat transfer paste
2.7
K/W
Module
Symbol Test Conditions
Maximum Ratings
TVJ
-40...+150
°C
Tstg
-40...+125
°C
VISOL
IISOL ≤ 1 mA, 50/60 Hz, t= 1 min
3600
V~
MD
Mounting torque (M4)
1.5-2.0
Nm
Symbol Test Conditions
Characteristic Value
typ.
min.
dS, dA
pin to heatsink
11.2
mm
Weight
24
g
Package style and outline
Dimensions in mm (1mm = 0.0394“)
}



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com