Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45R35 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
HT45R35
Rev. 1.20
9
January 29, 2010
Bank Pointer
- BP
When using instructions to access the general purpose
data memory in Bank 0 or Bank 1, it is necessary to en-
sure that the correct area is selected. The general pur-
pose data memory is sub-divided into two banks, Bank 0
and Bank 1 for this device. Selecting the correct data
memory area is achieved by using the bank pointer. If
data in Bank 0 or Bank 1 is to be accessed, the BP must
be set to the values
²00H² or ²01H² respectively, how-
ever, it must be noted that data in Bank 1 can only be ad-
dressed indirectly using the MP1 memory pointer and
the IAR1 indirect addressing register.
Any direct addressing or any indirect addressing using
MP0 and IAR0 will always result in data from Bank 0 be-
ing accessed. The data memory is initialized to Bank 0
after a reset, except for the WDT time-out reset in the
Power Down Mode, in which case, the data memory
bank remains unchanged.
It should be noted that the special function data memory
is not affected by the bank selection, which means that
the special function registers can be accessed from
within either Bank 0 or Bank 1.
Accumulator
The accumulator is closely related to ALU operations. It
is also mapped to location
²05H² of the data memory
and can carry out immediate data operations. The data
movement between two data memory locations must
pass through the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions. The ALU provides the following functions:
· Arithmetic operations
- ADD, ADC, SUB, SBC, DAA
· Logic operations
- AND, OR, XOR, CPL
· Rotation
- RL, RR, RLC, RRC
· Increment and Decrement
- INC, DEC
· Branch decision
- SZ, SNZ, SIZ, SDZ ....
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
This 8-bit register contains the zero flag (Z), carry flag
(C), auxiliary carry flag (AC), overflow flag (OV), power
down flag (PDF), and watchdog time-out flag (TO). It
also records the status information and controls the op-
eration sequence.
With the exception of the TO and PDF flags, bits in the
status register can be altered by instructions like most
other registers. Any data written into the status register
will not change the TO or PDF flag. In addition opera-
tions related to the status register may give different re-
sults from those intended. The TO flag can be affected
only by a system power-up, a WDT time-out or execut-
ing the
²CLR WDT² or ²HALT² instruction.
The PDF flag can be affected only by executing a
²HALT² or ²CLR WDT² instruction or a system
power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status are important and if the subroutine can cor-
rupt the status register, precautions must be taken to
save it properly.
Bit No.
Label
Function
0C
C is set if the operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate
through carry instruction.
1AC
AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by system power-up or executing the
²CLR WDT² instruction.
PDF is set by executing the
²HALT² instruction.
5TO
TO is cleared by system power-up or executing the
²CLR WDT² or ²HALT² instruction.
TO is set by a WDT time-out.
6~7
¾
Unused bit, read as
²0²
Status (0AH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com