Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R35 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45R35 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
HT45R35
Rev. 1.20
21
January 29, 2010
V D D
P A 0 ~ P A 7
P B 0 ~ P B 7
M
U
X
O P 0 ~ O P 7
T M R f o r P A 2 o n l y
I N T 0 f o r P A 0 o n l y
I N T 1 f o r P A 1 o n l y
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - h i g h
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
D
Q
C K
S
Q
D
Q
C K
S
Q
Input/Output Ports
Input/Output Ports
There are 16 bidirectional input/output lines in the
microcontroller, all located within port PA and PB. All of
these I/O ports can be used for input and output opera-
tions. For input operation, these ports are non-latching,
that is, the inputs must be ready at the T2 rising edge of
the
²MOV A,[m]² instruction. For output operation, all the
data is latched and remains unchanged until the output
latch is rewritten.
Each I/O line has its own control register, known as PAC
and PBC, to control the input/output configuration. With
this control register, the pin status is either a CMOS out-
put or a Schmitt trigger input, but can be reconfigured
dynamically, under software control. To function as an
input, the corresponding bit in the control register must
be written with a
²1². The input source also depends on
the control register. If the control register bit is
²1², the input
will read the pad state. If the control register bit is
²0², the
contents of the latches will move to the internal bus. The
latter is possible in the read-modify-write instruction.
When setup as an output the output types are CMOS.
After a device reset, the I/O ports will be initially all setup
as inputs, and will therefore be in a high state if the
configuration options have selected pull-high resistors,
otherwise they will be in a floating condition. Each bit of
these input/output latches can be set or cleared by the
²SET [m].i² and ²CLR [m].i² instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device.
Each line of port A and port B has a pull-high option.
Once the pull-high option is selected, the I/O line will
have a pull-high resistor connected. Otherwise, the
pull-high resistors are absent. It should be noted that a
non-pull-high I/O line operating in an input mode will be
in a floating state.
The PA0, PA1 and PA2 are pin-shared with INT0, INT1
and TMR pins, respectively. Pins PA0~PA3 and
PA4~PA7 are pin-shared with RC1~RC4 and
RC9~RC12, respectively. If configuration options select
PA0~PA7 to be RC input pins, then the corresponding
bits in the PA data register and PA control register will be
unimplemented.
It is recommended that unused or not bonded out I/O
lines should be set as output pins using software in-
struction to avoid consuming power under input floating
state.
Low Voltage Reset
- LVR
The microcontroller provides a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as when changing a battery, the LVR
will automatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in its origi-
nal state for longer than tLVR. If the low voltage state
does not exceed tLVR, the LVR will ignore it and will not
perform a reset function.
· The LVR uses an
²OR² function with the external RES
signal to perform a chip reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com