Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R02M Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT48R02M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02M Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT48R02M Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 49Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 50Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 51Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 52Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
49
December 18, 2009
· INTC0 Register
Bit
76543210
Name
¾
T1F
T0F
INTF
T1E
T0E
INTE
EMI
R/W
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾
0000000
Bit 7
unimplemented, read as
²0²
Bit 6
T1F: Timer/Event Counter 1 interrupt request flag
0: inactive
1: active
Bit 5
T0F: Timer/Event Counter 0 interrupt request flag
0: inactive
1: active
Bit 4
INTF: External interrupt request flag
0: inactive
1: active
Bit 3
T1E: Timer/Event Counter 1 interrupt enable
0: disable
1: enable
Bit 2
T0E: Timer/Event Counter 0 interrupt enable
0: disable
1: enable
Bit 1
INTE: external interrupt enable
0: disable
1: enable
Bit 0
EMI: Master interrupt global enable
0: disable
1: enable
· INTC1 Register
¨ HT46R01M/HT46R02M
Bit
76543210
Name
¾¾
TBF
ADF
¾¾
TBE
ADE
R/W
¾¾
R/W
R/W
¾¾
R/W
R/W
POR
¾¾
00
¾¾
00
Bit 7~6
unimplemented, read as
²0²
Bit 5
TBF: Time Base event interrupt request flag
0: inactive
1: active
Bit 4
ADF: A/D Conversion interrupt request flag
0: inactive
1: active
Bit 3~2
unimplemented, read as
²0²
Bit 1
TBE: Time base event interrupt enable
0: disable
1: enable
Bit 0
ADE: A/D Conversion interrupt enable
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com