Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R02M Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT48R02M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02M Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT48R02M Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
Selection Table
Part No.
Program
Memory
Data
Memory
I/O
8-bit
Timer
Time
Base
Interrupt
A/D
PWM
Stack
Package
Ext.
Int.
HT48R01M
1K
´15
96
´8
10
2
1
1
3
¾¾
6
16NSOP
HT48R02M
2K
´15
96
´8
10
2
1
1
3
¾¾
6
16NSOP
HT46R01M
1K
´15
96
´8
10
2
1
1
4
12-bit
´4 8-bit´1
6
16NSOP
HT46R02M
2K
´15
96
´8
10
2
1
1
4
12-bit
´4 8-bit´1
6
16NSOP
Note:
The internal clock in the table is a fully integrated RC oscillator requiring no external components which can be
used as the system clock.
Block Diagram
The following block diagram illustrates the main functional blocks.
Pin Assignment
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
2
December 18, 2009
8 - b i t
R I S C
M C U
C o r e
T i m e r
I / O
P o r t s
T i m e
B a s e
P F D
D r i v e r
P W M
D r i v e r
R O M / R A M
M e m o r y
T i m i n g
G e r n e r a t i o n
A / D
C o n v e r t e r
D C / D C
H T 4 8 R 0 1 M / H T 4 8 R 0 2 M
1 6 N S O P - A
P A 3 / I N T
P A 2 / T C 0
P A 1 / P F D
P A 0
P B 0
V S S
G N D
L X
P A 4 / T C 1
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
P B 1
V D D
C E
V O U T
H T 4 6 R 0 1 M / H T 4 6 R 0 2 M
1 6 N S O P - A
P A 3 / I N T / A N 3
P A 2 / T C 0 / A N 2
P A 1 / P F D / A N 1
P A 0 / A N 0
P B 0
V S S
G N D
L X
P A 4 / T C 1 / P W M
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
P B 1
V D D
C E
V O U T
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com