Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F30 Datasheet(PDF) 91 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 91 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 95Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
91
February 1, 2010
Bit 2
T0POL: TP0_0, TP0_1 Output polarity Control
0: Non-invert
1: Invert
This bit controls the polarity of the TP0_0 or TP0_1 output pin. When the bit is set high the TM
output pin will be inverted and not inverted when the bit is zero. It has no effect if the TM is in the
Timer/Counter Mode.
Bit 1
T0DPX: TM0 PWM period/duty Control
0: CCRP - period; CCRA - duty
1: CCRP - duty; CCRA - period
This bit, determines which of the CCRA and CCRP registers are used for period and duty
control of the PWM waveform.
Bit 0
T0CCLR: Select TM0 Counter clear condition
0: TM0 Comparatror P match
1: TM0 Comparatror A match
This bit is used to select the method which clears the counter. Remember that the Compact TM
contains two comparators, Comparator A and Comparator P, either of which can be selected to
clear the internal counter. With the T0CCLR bit set high, the counter will be cleared when a
compare match occurs from the Comparator A. When the bit is low, the counter will be cleared
when a compare match occurs from the Comparator P or with a counter overflow. A counter
overflow clearing method can only be implemented if the CCRP bits are all cleared to zero.
The T0CCLR bit is not used in the PWM Mode.
Compact Type TM Operating Modes
The Compact Type TM can operate in one of three oper-
ating modes, Compare Match Output Mode, PWM
Mode or Timer/Counter Mode. The operating mode is
selected using the TnM1 and TnM0 bits in the TMnC1
register.
Compare Match Output Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1
register, should be set to
²00² respectively. In this mode
once the counter is enabled and running it can be
cleared by three methods. These are a counter over-
flow, a compare match from Comparator A and a com-
pare match from Comparator P. When the TnCCLR bit is
low, there are two ways in which the counter can be
cleared. One is when a compare match occurs from
Comparator P, the other is when the CCRP bits are all
zero which allows the counter to overflow. Here both
TnAF and TnPF interrupt request flags for the Compara-
tor A and Comparator P respectively, will both be gener-
ated.
If the TnCCLR bit in the TMnC1 register is high then the
counter will be cleared when a compare match occurs
from Comparator A. However, here only the TnAF inter-
rupt request flag will be generated even if the value of
the CCRP bits is less than that of the CCRA registers.
Therefore when TnCCLR is high no TnPF interrupt re-
quest flag will be generated. If the CCRA bits are all
zero, the counter will overflow when its reaches its maxi-
mum 10-bit, 3FF Hex, value, however here the TnAF in-
terrupt request flag will not be generated.
As the name of the mode suggests, after a comparison
is made, the TM output pin will change state. The TM
output pin condition however only changes state when
an TnAF interrupt request flag is generated after a com-
pare match occurs from Comparator A. The TnPF inter-
rupt request flag, generated from a compare match
occurs from Comparator P, will have no effect on the TM
output pin. The way in which the TM output pin changes
state are determined by the condition of the TnIO1 and
TnIO0 bits in the TMnC1 register. The TM output pin can
be selected using the TnIO1 and TnIO0 bits to go high,
to go low or to toggle from its present condition when a
compare match occurs from Comparator A. The initial
condition of the TM output pin, which is setup after the
TnON bit changes from low to high, is setup using the
TnOC bit. Note that if the TnIO1 and TnIO0 bits are zero
then no pin change will take place.
Timer/Counter Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1
register should be set to 11 respectively. The
Timer/Counter Mode operates in an identical way to the
Compare Match Output Mode generating the same in-
terrupt flags. The exception is that in the Timer/Counter
Mode the TM output pin is not used. Therefore the
above description and Timing Diagrams for the Com-
pare Match Output Mode can be used to understand its
function. As the TM output pin is not used in this mode,
the pin can be used as a normal I/O pin or other
pin-shared function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com