Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F30 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
39
February 1, 2010
Control Register
A single register, SMOD, is used for overall control of the internal clocks within the device.
· SMOD Register
Bit
76543210
Name
CKS2
CKS1
CKS0
FSTEN
LTO
HTO
IDLEN
HLCLK
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
00000011
Bit 7~5
CKS2~CKS0: The system clock selection when HLCLK is
²0²
000: fL (fLXT or fLIRC)
001: fL (fLXT or fLIRC)
010: fH/64
011: fH/32
100: fH/16
101: fH/8
110: fH/4
111: fH/2
These three bits are used to select which clock is used as the system clock source. In addition
to the system clock source, which can be either the LXT or LIRC, a divided version of the high
speed system oscillator can also be chosen as the system clock source.
Bit 4
FSTEN: Fast Wake-up Control (only for HXT)
0: Disable
1: Enable
This is the Fast Wake-up Control bit which determines if the fSUB clock source is initially used
after the device wakes up. When the bit is high, the fSUB clock source can be used as a
temporary system clock to provide a faster wake up time as the fSUB clock is available.
Bit 3
LTO: Low speed system oscillator ready flag
0: Not ready
1: Ready
This is the low speed system oscillator ready flag which indicates when the low speed system
oscillator is stable after power on reset or a wake-up has occurred. The flag will be low when in
the SLEEP0 Mode but after a wake-up has occurred, the flag will change to a high level after
1024 clock cycles if the LXT oscillator is used and 1~2 clock cycles if the LIRC oscillator is used.
Bit 2
HTO: High speed system oscillator ready flag
0: Not ready
1: Ready
This is the high speed system oscillator ready flag which indicates when the high speed system
oscillator is stable. This flag is cleared to
²0² by hardware when the device is powered on and
then changes to a high level after the high speed system oscillator is stable. Therefore this flag
will always be read as
²1² by the application program after device power-on. The flag will be
low when in the SLEEP or IDLE0 Mode but after a wake-up has occurred, the flag will change to
a high level after 1024 clock cycles if the HXT oscillator is used and after 15~16 clock cycles if
the ERC or HIRC oscillator is used.
Bit 1
IDLEN: IDLE Mode control
0: Disable
1: Enable
This is the IDLE Mode Control bit and determines what happens when the HALT instruction is
executed. If this bit is high, when a HALT instruction is executed the device will enter the
IDLE Mode. In the IDLE1 Mode the CPU will stop running but the system clock will continue to
keep the peripheral functions operational, if FSYSON bit is high. If FSYSON bit is low, the CPU
and the system clock will all stop in IDLE0 mode. If the bit is low the device will enter the
SLEEP Mode when a HALT instruction is executed.
Bit 0
HLCLK: system clock selection
0: fH/2~fH/64 or fL
1: fH
This bit is used to select if the fH clock or the fH/2~fH/64 or fL clock is used as the system
clock. When the bit is high the fH clock will be selected and if low the fH/2~fH/64 or fL clock will
be selected. When system clock switches from the fH clock to the fL clock and the fH clock will
be automatically switched off to conserve power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com