Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT77S11 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT77S11
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT77S11 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT77S11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 9Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 10Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 11Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 12Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 13Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 14Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 15Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
8-pin MSOP Outline Dimensions
· MO-187
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
¾¾
1.10
A1
0.00
¾
0.15
A2
0.75
¾
0.95
B
0.22
¾
0.33
C
0.08
¾
0.23
D
¾
3.0
¾
E
¾
4.9
¾
E1
¾
3.0
¾
e
¾
0.65
¾
L
0.4
¾
0.8
L1
¾
0.95
¾
y
¾¾
0.1
q
0
°¾
8
°
HT77S10/HT77S11
Rev. 1.00
13
February 3, 2010
A 1
A
L
E 1
e
B
A 2
y
R 0 . 1 0
( 4 C O R N E R S )
E
C
q
D
1
4
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com