Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT77S11 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT77S11
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT77S11 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT77S11 Datasheet HTML 1Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 2Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 3Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 4Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 5Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 6Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics
VIN=2V, SHDN=FB=OUT, VOUT=3.3V, refer to figure 1 unless otherwise specified, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
¾¾
¾
5.5
V
VIN-MIN
Minimum Input Voltage
¾¾
0.7
¾
V
VIN-START
Start-up Input Voltage
RL=3k
W¾
0.7
0.9
V
VOUT
Output Voltage
FB=OUT
3.17
3.30
3.43
V
FB=GND
4.80
5.00
5.20
V
VIN <VOUT, FB using two
external resistors
1.80
¾
5.50
V
VREF
Reference Voltage
IREF=0
1.268
1.300
1.333
V
VREF-LOAD Reference Load Regulation
IREF=0 to 150
mA
¾
10
30
mV
VREF-LINE
Reference Line Regulation
VOUT= 2V to 5.5V
¾
5
10
mV/V
RDS(ON)
Internal PMOS and
N-MOS On Resistance
IL=100mA
¾
0.3
¾W
ILIM
Internal NMOS Switch
Current Limit
HT77S10
0.80
1.00
1.20
A
HT77S11
0.40
0.55
0.75
A
ILEAK
Internal N-MOS Leakage Current VLX=4V, VOUT=5.5V
¾
0.05
1.00
mA
IOUT
Steady-State Output Current
FB=OUT
HT77S10
300
350
¾
mA
HT77S11
150
300
¾
mA
FB=GND
HT77S10
180
230
¾
mA
HT77S11
90
160
¾
mA
IQ
Quiescent Current
VFB=1.4V, VOUT=3.3V
¾
20
35
mA
VFB
FB Input Threshold
¾
1.268
1.300
1.333
V
VLBI
LBI Input Threshold
¾
1.268
1.300
1.333
V
VLBO
LBO Low Output Voltage
VLBI=0, ISINK=1mA
¾
0.2
0.4
V
ILBO
LBO Off Leakage Current
VLBO =5.5V, VLBI=5.5V
¾
0.07
1.00
mA
ISHDN
Shutdown Current
SHDN=GND
¾
0.1
1
mA
VIH
SHDN Pin Voltage High
¾
1.5
¾¾
V
VIL
SHDN Pin Voltage Low
¾¾
¾
0.4
V
tON(MAX)
LX Switch On Time
VFB=1V, VOUT=3.3V
247
ms
tOFF(MIN)
LX Switch Off Time
VFB=1V, VOUT=3.3V
0.6
0.9
1.4
ms
h
Efficiency
VOUT=3.3V, IO=200mA
¾
90
¾
%
VIN=1.1V,VOUT=2.0V,
IO=1mA
¾
85
¾
%
Note:
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings
indicate conditions for which the device is intended to be functional, but do not guarantee specific performance
limits. The guaranteed specifications apply only for the test conditions listed.
Specifications are production tested at Ta=25 degree. Specifications over -40 to 85 degree operating tempera-
ture range are assured by design.
HT77S10/HT77S11
Rev. 1.00
4
February 3, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com