Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R55 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT95R55
Description  CID Phone 8-Bit MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R55 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT95R55 Datasheet HTML 45Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 46Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 47Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 48Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 49Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 50Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 51Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 52Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
HT95R54/HT95R55
Rev. 1.00
49
March 3, 2010
Normal Mode
In the Normal mode the device uses the HCLK gener-
ated by the frequency-up conversion circuit as the sys-
tem clock for instruction execution.
There are four high frequency clock (HCLK) for CPU
which are 3.58MHz, 7.16MHz, 10.74MHz and 14.32MHz.
Care must be taken with changing the system clock in
Normal Mode:
Step 1: Clear bit MODE1 to
²0²
Step 2: Clear UPEN bit to
²0²
Step 3: Set bits of register MODE_1 for the frequency
of HCLK
Step 4: Set bit UPEN to
²1²
Step 5: Execute a 20ms software delay
Step 6: Set bit MODE1 to
²1²
After Step 6, the system clock will be changed according
to the setting in MODE_1.
Changing the Operational Mode
Holtek
¢s telephone controllers support two system
clocks and four operational modes. The system clock
can be either 32768Hz or HCLK and the operational
mode can be either Normal, Green, Sleep or Idle Mode.
The operation mode is selected using software in the
following way:
· Normal Mode to Green Mode:
Clear bit MODE1 to
²0², which will change the opera-
tional mode to the Green Mode.
The UPEN bit status is not changed. However, the
UPEN bit can be cleared by software.
· Normal Mode or Green Mode to Sleep Mode:
Step 1: Clear bit MODE0 to
²0²
Step 2: Clear bit MODE1 to
²0²
Step 3: Clear bit UPEN to
²0²
Step 4: Execute the HALT instruction
After Step 4, the operational mode will be changed to
the Sleep Mode.
· Normal mode or Green Mode to Idle Mode:
Step 1: Set bit MODE0 to
²1²
Step 2: Clear bit MODE1 to
²0²
Step 3: Clear bit UPEN to
²0²
Step 4: Execute the HALT instruction
After Step 4, the operational mode will be changed to
the Idle Mode.
· Green Mode to Normal Mode:
Step 1: Set bit UPEN to
²1²
Step 2: Execute a 20ms software delay
Step 3: Set bit MODE1 to
²1²
After Step 3, the operational mode will be changed to
the Normal Mode.
· Sleep Mode or Idle Mode to Green Mode:
Method 1: The occurrence of any reset condition
Method 2: Any active interrupt
Method 3: A Port A wake-up
Note that a Timer/Event Counter 0/1 and RTC interrupt
will not be generated when in the Idle Mode as the
32768Hz crystal oscillator is stopped.
Standby Current Considerations
As the main reason for entering the Power Down Mode
is to keep the current consumption of the MCU to as low
a value as possible, perhaps only in the order of several
micro-amps, there are other considerations which must
also be taken into account by the circuit designer if the
power consumption is to be minimised. Special atten-
tion must be made to the I/O pins on the device. All
high-impedance input pins must be connected to either
a fixed high or low level as any floating input pins could
create internal oscillations and result in increased cur-
rent consumption. Care must also be taken with the
loads, which are connected to I/Os, which are setup as
outputs. These should be placed in a condition in which
minimum current is drawn or connected only to external
circuits that do not draw current, such as other CMOS
inputs. Also note that additional standby current will also
be required if the configuration options have enabled the
Watchdog Timer internal oscillator.
Wake-up
A reset, interrupt or port A wake-up can all wake up the
device from the Sleep Mode or the Idle Mode. A reset
can include a power-on reset, an external reset or a
WDT time-out reset. By examining the device status
flags, PDF and TO, the program can distinguish be-
tween the different reset conditions. Refer to the Reset
section for a more detailed description.
A port A wake-up and an interrupt can be considered as
a continuation of normal execution. Each bit in port A
can be independently selected to wake-up the device
using configuration options. When awakened by a Port
A stimulus, the program will resume execution at the
next instruction following the HALT instruction.
Any valid interrupt during the Sleep Mode or Idle Mode
may have one of two consequences. One is if the re-
lated interrupt is disabled or the interrupt is enabled but
the stack is full, the program will resume execution at the
next instruction. The other is if the interrupt is enabled
and the stack is not full, the regular interrupt response
takes place. It is necessary to mention that if an interrupt
request flag is set to
²1² before entering the Sleep Mode
or Idle Mode, the Wake-up function of the related inter-
rupt will be disabled.
Once a Sleep Mode or Idle Mode Wake-up event oc-
curs, it will take an SST delay time, which is 1024 sys-
tem clock periods, to resume to the Green Mode. This
means that a dummy period is inserted after a Wake-up.
If the Wake-up results from an interrupt acknowledge
signal, the actual interrupt subroutine execution will be
delayed by one or more cycles. If the Wake-up results in
the next instruction execution, this will be executed im-
mediately after the dummy period has finished.
To minimise power consumption, all the I/O pins should
be carefully managed before entering the Sleep Mode
or Idle Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com