Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R55 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT95R55
Description  CID Phone 8-Bit MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R55 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT95R55 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
HT95R54/HT95R55
CID Phone 8-Bit MCU
Rev. 1.00
1
March 3, 2010
General Description
The series of CID phone MCU are 8-bit high perfor-
mance, RISC architecture microcontroller devices spe-
cially designed for telephone applications. Devices
flexibility are enhanced with their internal special fea-
tures such as power-down and wake-up functions,
DTMF generator, DTMF receiver, FSK decoder, PFD
driver, SPI and I
2C interface, audio DAC output, etc.
These features combine to ensure applications require
a minimum of external components and therefore re-
duce overall product costs.
Having the advantages of low-power consumption,
high-performance, I/O flexibility as well as low-cost,
these devices have the versatility to suit a wide range of
application possibilities such as FSK & DTMF mode
Caller ID phone, Home Security products, deluxe fea-
ture phones, cordless phones, fax and answering ma-
chines, etc.
The device will be ideally suited for phone products that
comply with versatile dialer specification requirements
for different areas or countries. The device is fully sup-
ported by the Holtek range of fully functional develop-
ment and programming tools, providing a means for fast
and efficient product development cycles.
Features
· Operating voltage:
fSYS=3.58MHz: 2.2V~5.5V
fSYS=7.16MHz: 3.0V~5.5V
fSYS=10.74MHz: 3.0V~5.5V
fSYS=14.32MHz: 4.5V~5.5V
· Program Memory:
8K
´16 (HT95R54)
16K
´16 (HT95R55)
· 2112´8 Data Memory
· 38 bidirectional I/Os with pull-high options
· 2 NMOS output-only lines
· External interrupt input
· Three 16-bit timers with interrupts
· Timer external input
· 8-level stack
· 32768Hz system oscillator
· 32768Hz up to 14.32MHz frequency-up circuit
· Real time clock function
· Watchdog timer function
· PFD driver output
· Serial Interfaces Module: SIM for SPI or I
2
C
· Internal DTMF generator
· Internal DTMF receiver
· Internal FSK decoder
- Support Bell 202 and V.23
- Support ring and line reverse detection
· 12-bit Audio DAC output
· Power-down and wake-up feature for power-saving
operation: Idle mode, Sleep mode, Green mode
and Normal mode
· Up to 0.28ms instruction cycle with 14.32MHz
system clock at VDD=4.5V~5.5V
· Bit manipulation instructions
· Table read function
· 63 powerful instructions
· All instructions executed in 1 or 2 machine cycles
· Low voltage reset function
· Supported by comprehensive suite of hardware
and software tools
· Internal low battery detector
· Software Controlled R-Type LCD Driver (SCOM)
· 64-pin LQFP package
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT95R55

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
I/O Type Phone 8-bit MCU
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
I/O Type Phone 8-bit MCU
March 25, 2008
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
Phone 8-bit MCU
February 17, 2009
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
Phone 8-bit MCU
March 6, 2009
HT95R33 HOLTEK-HT95R33 Datasheet
417Kb / 59P
I/O Type Phone 8-bit MCU with DTMF Receiver
February 18, 2009
More results

Similar Description - HT95R55

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
8-Bit CID Type Phone Controller MCU
October 1, 2002
HT95LXXX HOLTEK-HT95LXXX Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
logo
Winbond
W925EP01 WINBOND-W925EP01 Datasheet
748Kb / 108P
8-BIT CID MICROCONTROLLER
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
Phone 8-bit MCU
February 17, 2009
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
Phone 8-bit MCU
March 6, 2009
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
CID Phone 8-Bit MCU with CPT
logo
Winbond
W925E625 WINBOND-W925E625 Datasheet
619Kb / 75P
8-bit CID MICROCONTROLLER
W925E240 WINBOND-W925E240 Datasheet
522Kb / 73P
8-BIT CID MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com