Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSII35/06 Datasheet(PDF) 4 Page - Powersem GmbH

Part # PSII35/06
Description  IGBT Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSII35/06 Datasheet(HTML) 4 Page - Powersem GmbH

  PSII35/06 Datasheet HTML 1Page - Powersem GmbH PSII35/06 Datasheet HTML 2Page - Powersem GmbH PSII35/06 Datasheet HTML 3Page - Powersem GmbH PSII35/06 Datasheet HTML 4Page - Powersem GmbH PSII35/06 Datasheet HTML 5Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
PSII 35/06
IGBT
ZthJH[K/W]
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t (s)
D = 0
D = 0.005
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
Transient thermal resistance junction to heatsink
(Z
thJH is measured using 50 µm
thermal grease)
IGBT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com