Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSII35/06 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSII35/06
Description  IGBT Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSII35/06 Datasheet(HTML) 2 Page - Powersem GmbH

  PSII35/06 Datasheet HTML 1Page - Powersem GmbH PSII35/06 Datasheet HTML 2Page - Powersem GmbH PSII35/06 Datasheet HTML 3Page - Powersem GmbH PSII35/06 Datasheet HTML 4Page - Powersem GmbH PSII35/06 Datasheet HTML 5Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PSII 35/06
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Diodes
Symbol
Conditions
Maximum Ratings
I
F25
T
C = 25°C
35
A
I
F80
T
C = 80°C
22
A
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 20 A; TVJ =
25°C
1.9
2.1
V
T
VJ = 125°C
1.4
V
I
RM
I
F = 15 A; diF/dt = -400 A/µs; TVJ = 125°C
13
A
t
rr
V
R = 300 V; VGE = 0 V
90
ns
R
thJC
2.3 K/W
R
thJH
with heatsink compound (0.42 K/m.K; 50 µm)
4.6
K/W
Component
Symbol
Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
stg
-40...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz; t = 1 s
3600
V~
M
d
Mounting torque (M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
a
Max. allowable acceleration
50
m/s2
Symbol
Conditions
Characteristic Values
min. typ. max.
d
S
Creepage distance on surface (Pin to heatsink)
11.2
mm
d
A
Strike distance in air (Pin to heatsink)
11.2
mm
Weight
24
g
Data according to IEC 60747 and refer to a single diode unless otherwise stated.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com