Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1WSR-R05-J Datasheet(PDF) 2 Page - RFE international

Part # LR1WSR-R05-J
Description  SURFACE MOUNT LR Series: Metal Alloy, Very Low Resistance RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LR1WSR-R05-J Datasheet(HTML) 2 Page - RFE international

  LR1WSR-R05-J Datasheet HTML 1Page - RFE international LR1WSR-R05-J Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT
LR Series: Metal Alloy, Very Low-Resistance
RESISTORS
C2BB05
REV.2009.3.3
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
PART NUMBER EXAMPLE
LR1WSR - R05 - J
DERATING CURVE
RATINGS & STANDARD RANGES
Operating Temp. Range -65°C ~ +275°C
m OHM TO OHMS
(m = milli)
100m
= 0.1
WW
50mW = 0.05W
5mW = 0.005W
0.5mW = 0.0005W
1
15
100
80
60
40
20
0
-55 -30
0
20
40
60
80
100 120 140
180
Ambient Temperature (°C)
160
200 220 240 260 280
275 ºC
W
0.5% (D)
1% (F)
5% (J)
LR1WMR
(1206)
1
31.62A
126.49A
7~50
1~50
1~50
LR1WSR
(2010)
1
44.72A
178.89A
3~100
0.5~100
0.5~100
1
44.72A
223.61A
1.5
54.77A
273.86A
2
63.25A
252.98A
7~75
0.5~75
0.5~75
3
77.46A
232.38A
7~10
0.5~10
0.5~10
3
27.39A
82.16A
3.5
29.58A
88.74A
LR4WSR
(2725),
LR4WR
(2728)
4
31.62A
126.49A
4~50
4~50
4~50
4~100
Item
Power
Rating at
100ÿ°
C
(Watts)
Max.
Rating
Current
Max.
Overload
Current
LR2WR,
LR3WSR
(2512)
LR3WR,
LR3.5WR
(2728)
4~100
4~100
LR1WR,
LR1.5WR
(2512)
7~100
0.5~100
0.5~100
Resistance Range
m
TEMP. COEFFICIENT
Tape Width
Diameter
Pieces/Reel
1206
8mm/Embossed Plastic
178mm/7”
2,000
2010
12mm/Embossed Plastic
178mm/7”
2,000
2512
12mm/Embossed Plastic
178mm/7”
1,000
2725
12mm/Embossed Plastic
178mm/7”
1,000
2728
12mm/Embossed Plastic
178mm/7”
1,000
Size
Reel
PACKAGING
W
W
W
W
(PPM / C°)
Type
Resistance
Range
Temp. Coeff.
1 ~ 4mÿ©
50
4.1 ~ 15mÿ©
-25
15.1 ~ 50mÿ©
-15
0.5 ~ 3mÿ©
50
3.1 ~ 6.9mÿ©
-25
7 ~ 100mÿ©
-15
0.5 ~ 3mÿ©
50
3.1 ~ 6.9mÿ©
-25
0.5~1.5mÿ©
50
1.6~10mÿ©
-25
0.25~0.9mÿ©
50
1~3mÿ©
-25
4~7mÿ©
-25
7.1~100mÿ©
-15
4~7mÿ©
-25
7.1~50mÿ©
-15
LR4WSR
(2725)
LR3WSR,
LR3.5WR
(2728)
LR4WR
(2728)
LR1WMR
(1206)
LR1WSR
(2010)
LR1WR,
LR1.5WR,
LR2WR
(2512)
LR3WSR
(2512)
W
W
W
W
W
W
W
W
W
W
W
W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com