Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1WSR-R05-J Datasheet(PDF) 1 Page - RFE international

Part # LR1WSR-R05-J
Description  SURFACE MOUNT LR Series: Metal Alloy, Very Low Resistance RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LR1WSR-R05-J Datasheet(HTML) 1 Page - RFE international

  LR1WSR-R05-J Datasheet HTML 1Page - RFE international LR1WSR-R05-J Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT
LR Series: Metal Alloy, Very Low-Resistance
RESISTORS
INTRODUCTION
RFE International, Inc. LR Series of low resistance
Surface Mount Resistors are ideal for applications
where low resistance, tight tolerance and temperature
stability is important. Current sense, power supply,
Industrial controls, are a few of the applications
suitable for this series of resistor.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
APPLICATIONS
• Power Supply
• Battery Pack
• DIY Tools
• Inverter / Converter (AC/DC, DC/DC, DC/AC)
• Test Equipment
• Precision Measuring Equipment
• LED Driver
• Automotive
Resistance
Range mÿ©
L
W
H
T
a
b
i
0.12ÿ±
0.010
0.062ÿ±
0.010
0.029ÿ±
0.010
0.02ÿ±
0.010
(3.15ÿ±
0.254)
(1.60ÿ±
0.254)
(0.750ÿ±
0.254)
(0.50ÿ±
0.254)
0.051ÿ±
0.010
(3.15ÿ±
0.254)
0.031ÿ±
0.010
(0.8ÿ±
0.254)
0.074ÿ±
0.010
(1.88ÿ±
0.254)
0.044ÿ±
0.010
(1.13ÿ±
0.254)
0.039ÿ±
0.010
0.085ÿ±
0.010
(1.0ÿ±
0.254)
(2.15ÿ±
0.254)
0.043ÿ±
0.010
0.085ÿ±
0.010
(1.1ÿ±
0.254)
(2.15ÿ±
0.254)
0.039ÿ±
0.010
0.085ÿ±
0.010
(1.0ÿ±
0.254)
(2.15ÿ±
0.254)
0.071ÿ±
0.010
(1.8ÿ±
0.254)
0.065ÿ±
0.010
(1.65ÿ±
0.254)
0.051ÿ±
0.010
(1.3ÿ±
0.254)
0.264ÿ±
0.010
0.283ÿ±
0.010
0.039ÿ±
0.010
0.045ÿ±
0.010
(6.7ÿ±
0.254)
(7.2ÿ±
0.254)
(1.0ÿ±
0.254)
(1.15ÿ±
0.254)
0.136(3.5)
Model
(5.10ÿ±
0.254)
0.20ÿ±
0.010
0.10ÿ±
0.010
(2.54ÿ±
0.254)
0.031ÿ±
0.010
(0.8ÿ±
0.254)
0.031ÿ±
0.010
(6.25ÿ±
0.254)
LR3WR,
LR3.5WR,
LR4WR
(2728)
4~100
0.108(2.75)
0.308(7.8)
0.052(1.32)
1
1.5
2
2.5
3
0.268ÿ±
0.010
(6.8ÿ±
0.254)
0.264ÿ±
0.010
LR4WSR
(2725)
0.25, 0.5
0.125(3.2)
0.27(6.9)
(6.7ÿ±
0.254)
0.035ÿ±
0.010
(0.9ÿ±
0.254)
0.050(1.27)
4.1~100
0.083(2.11)
0.145(3.68)
0.125(3.18)
(3.30ÿ±
0.254)
(0.8ÿ±
0.254)
LR1WR,
LR1.5WR,
LR2WR,
LR3WSR
(2512)
0.5~4
0.120(3.05)
0.145(3.68)
0.026(0.66)
LR1WSR
(2010)
0.5~3
0.011(1.80)
0.115(2.92)
0.048(1.22)
4~100
0.009(2.29)
0.115(2.92)
0.095(2.41)
LR1WMR
(1206)
1~50
0.063(1.60)
0.086(2.18)
DIMENSIONS
SOLDER PAD DIMENSIONS
0.246ÿ±
0.010
0.13ÿ±
0.010
W
DIMENSIONS
PERFORMANCE
C2BB05
REV.2009.3.3
Test Item
Conditions of test
Test Method
Thermal Shock
-55 °C to +125 °C, 1000 cycles, 15 minutes at each extreme
JIS C5202 7.4
Solderability test
Steam aging: 4hrs, cool down 30 minutes then test
JIS C5202 6.5
Low Temperature
Storage
-55°C for 1000 hours
JIS C5202 7.1
High Temperature
Exposure
1000 hours @ +155 °C
JIS C5202 7.2
Bias Humidity
+85 °C, 85% RH, 10% Bias, 1000 hours, 90 minutes ”ON”, 30
minutes ”OFF”
JIS C5202 7.9
Mechanical Shock
100 grams for 6 milliseconds, 5 pulses
JIS C5202 6.13
Vibration
Frequency varied 55Hz in one minute, 3 directions, 12 hours
JIS C5202 6.7
Load Life
1000 hours @ rated power, +100 °C, 1.5 hours “ON”,
0.5 hours “OFF”
JIS C5202 7.10
Resistance to Solder
Heat
Solder temp./immersion time: 260+5 °C, 10+1secs and 350+10 °C
3.5+0.5secs
JIS C5202 6.4
Moisture Resistance
Mil-STD-202, Method 106, 0% power, 7a and 7b not required
JIS C5202 7.6
Resistance to solvent
Immersion time: 60+5 secs, 20 °C~25 °C
ÿ±
JIS C5202 6.9
Inch (mm)


Similar Part No. - LR1WSR-R05-J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR1 ETC2-LR1 Datasheet
56Kb / 1P
Leaded Chip Resistors
logo
PATLITE CORPORATION.
LR10-001 PATLITE-LR10-001 Datasheet
126Kb / 1P
Head Cover S
Rev. A
LR10-02WJNW PATLITE-LR10-02WJNW Datasheet
891Kb / 9P
Signal Tower
Rev. C
LR10-02WMNW PATLITE-LR10-02WMNW Datasheet
891Kb / 9P
Signal Tower
Rev. C
LR10-102WJBW PATLITE-LR10-102WJBW Datasheet
891Kb / 9P
Signal Tower
Rev. C
More results

Similar Description - LR1WSR-R05-J

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LOB WELWYN-LOB Datasheet
130Kb / 2P
Low Resistance Metal Element Resistors
logo
List of Unclassifed Man...
LRMAM1206-R03FT5 ETC2-LRMAM1206-R03FT5 Datasheet
389Kb / 3P
Low Resistance Metal Alloy Resistor
LR1206 ETC-LR1206 Datasheet
1Mb / 3P
METAL ALLOY LOW-VALUE RESISTORS
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
Alloy Film Low Resistance Chip Resistors
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
Alloy Film Chip Resistors Low Resistance
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
Alloy Film Chip Resistors Low Resistance
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
Alloy Film Chip Resistors Low Resistance
logo
TT Electronics.
LOB3R015FLF TTELEC-LOB3R015FLF Datasheet
1Mb / 3P
Low Resistance Metal Element Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com