Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26 Datasheet(PDF) 1 Page - RFE international

Part # SS26
Description  SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS26 Datasheet(HTML) 1 Page - RFE international

  SS26 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT: Super Fast Recovery
Schottky & Bridge Rectifiers
4.675
4.725
2.13
2.43
2.005
5.35
3.52
3.58
5.45
2.055
(DO-214AA)
(DO-214AC)
6.60
7.11
2.00
2.62
2.92
7.75
5.59
6.22
8.13
3.07
C
(DO-214AB)
SCHOTTKY DIODE
Operating Temperature: -65°C to 150°C
RFE
Cross-
Max.Average
Peak
Peak Fwd Surge
Max Forward
Max. Reverse
Package
Outline
Part Number Reference Rect. Current Inverse Current @ 8.3ms Voltage @ Ta 25°C Current @ 25°C
(Dimensions in mm)
Voltage
Superimposed
@ Rated PIV
@ Rated PIV
IO(A)
PIV(V)
IFSM(A)
VFM(V)
IR(mA)
7"/13" Reel
LL5817
1.0 A
20
25
0.45
1.0
1500/5000
LL5818
1.0 A
30
25
0.55
1.0
1500/5000
LL5819
1.0 A
40
25
0.60
1.0
1500/5000
SS12
1.0 A
20
30
0.50
0.5
1800/7500
SS13
1.0 A
30
30
0.50
0.5
1800/7500
SS14
1.0 A
40
30
0.50
0.5
1800/7500
SS15
1.0 A
50
30
0.75
0.5
1800/7500
SS16
1.0 A
60
30
0.75
0.5
1800/7500
SS19
1.0 A
90
30
0.79
0.5
1800/7500
SS1B
1.0 A
100
30
0.79
0.5
1800/7500
SS22
2.0 A
20
50
0.50
0.5
750/3200
SS23
2.0 A
30
50
0.50
0.5
750/3200
SS24
2.0 A
40
50
0.50
0.5
750/3200
SS25
2.0 A
50
50
0.70
0.5
750/3200
SS26
2.0 A
60
50
0.70
0.5
750/3200
SS29
2.0 A
90
50
0.79
0.1
750/3200
SS2B
2.0 A
100
50
0.79
0.1
750/3200
SS32
3.0 A
20
100
0.50
0.5
850/3500
SS33
3.0 A
30
100
0.50
0.5
850/3500
SS34
3.0 A
40
100
0.50
0.5
850/3500
SS35
3.0 A
50
100
0.75
0.5
850/3500
SS36
3.0 A
60
100
0.75
0.5
850/3500
SS39
3.0 A
90
100
0.79
0.6
850/3500
SS3B
3.0 A
100
100
0.79
0.6
850/3500
DBS101G
DF005S
1.0 A
50
50
1.1
10.0
100 tubes
DBS102G
DF01
1.0 A
100
50
1.1
10.0
of 50
DBS103G
DF02
1.0 A
200
50
1.1
10.0
DBS104G
DF04
1.0 A
400
50
1.1
10.0
DBS105G
DF06
1.0 A
600
50
1.1
10.0
DBS106G
DF08
1.0 A
800
50
1.1
10.0
DBS107G
DF10
1.0 A
1000
50
1.1
10.0
DBS151G
1.5 A
50
50
1.1
10.0
100 tubes
DBS152G
1.5 A
100
50
1.1
10.0
of 50
DBS153G
1.5 A
200
50
1.1
10.0
DBS154G
1.5 A
400
50
1.1
10.0
DBS155G
1.5 A
600
50
1.1
10.0
DBS156G
1.5 A
800
50
1.1
10.0
DBS157G
1.5 A
1000
50
1.1
10.0
DBS
7.90
1.20
5.20
7.90 10.30
1.20
6.50
MB (in inches)
0.098
0.185
0.023
0.010
0.150
0.200 0.262
GLASS PASSIVATED BRIDGE RECTIFIER
Operating Temperature: -65°C to 150°C
RFE
Cross-
Max.Average
Peak
Peak Fwd Surge
Max Forward
Max. Reverse
Package
Outline
Part Number Reference Rect. Current Inverse Current @ 8.3ms Voltage @ Ta 25°C Current @ 25°C
(Dimensions in mm)
Voltage
Superimposed
@ Rated PIV
@ Rated PIV
IO(A)
PIV(V)
IFSM(A)
VFM(V)
IR(mA)
Tube
MB2S
0.5 A
200
30
1.0
5.0
MB4S
0.5 A
400
30
1.0
5.0
MB6S
0.5 A
600
30
1.0
5.0
S40
0.8 A
80
30
1.2
10
S80
0.8 A
160
30
1.2
10
S125
0.8 A
250
30
1.2
10
S250
0.8 A
500
30
1.2
10
S380
0.8 A
800
30
1.2
10
S500
0.8 A
1000
30
1.2
10
Mini DF
2.4
4.7
0.6
2.54
3.9
5.0
6.5
6.60
7.11
2.13
2.44
2.92
7.75
5.59
6.22
8.13
3.07
C
Operating Temperature: -50 C to 150 C
Part
Cross-
Max.Average
Peak
Peak Fwd Surge
Max Forward
Max. Reverse
Max Reverse
Package
Outline
Number Reference Rect. Current Inverse Current @ 8.3ms Voltage @ Ta 25 C Current @ 25 C Recovery Time
(Dimensions in mm)
Voltage
Superimposed
@ Rated PIV
@ Rated PIV
@ Rated PIV
IO(A)
PIV(V)
IFSM(A)
VFM(V)
IR(mA)
TRR(nS)
7"/13"Reel
ES3A
3.0A
50
100
0.95
5
35
850/3500
ES3B
3.0A
100
100
0.95
5
35
850/3500
ES3C
3.0A
150
100
0.95
5
35
850/3500
ES3D
3.0A
200
100
0.95
5
35
850/3500
ES3E
3.0A
300
100
1.25
5
35
850/3500
ES3G
3.0A
400
100
1.25
5
35
850/3500
ES3J
3.0A
500
100
1.7
5
35
850/3500
SUPER FAST RECOVERY DIODE
ES1_ & ES2_ are on the previous page.
4.25
4.75
1.98
2.61
1.43
5.26
2.54
2.83
5.46
1.58
A
MINIMELF
.06
06
58
4.82
27
64
29
29
92
30
93
1.91
41
1
1.91
1
1
57
06
57
1.91
41
1.95
2.21
20
58
C3B03
REV 2001
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - SS26

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS26 ZOWIE-SS26 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS26 JGD-SS26 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS26 SSE-SS26 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
General Semiconductor
SS26 GE-SS26 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS26

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SFM11 WEITRON-SFM11 Datasheet
210Kb / 3P
Surface Mount Super Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SUF206B SECOS-SUF206B Datasheet
193Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
MASF2A JUXING-MASF2A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF1A JUXING-MASF1A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF0.5A JUXING-MASF0.5A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SUF206B SECOS-SUF206B_15 Datasheet
193Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
SUF501C SECOS-SUF501C_16 Datasheet
218Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
SUF301C SECOS-SUF301C_16 Datasheet
213Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
BF10S JUXING-BF10S Datasheet
443Kb / 1P
SURFACE MOUNT SUPER FAST BRIDGE RECTIFIERS
logo
Shanghai Leiditech Elec...
BYV26C LEIDITECH-BYV26C Datasheet
623Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com