Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26 Datasheet (PDF) - C&D Technologies

SS26 Datasheet PDF - C&D Technologies
Part # SS26
Download  SS26 Download
File Size   238.27 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER

SS26 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS26 Datasheet PDF - C&D Technologies

Part # SS26
Download  SS26 Click to download

File Size   238.27 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER

SS26 Datasheet (HTML) - C&D Technologies


SS26 Product details

Description
The SS26 (SuperSIPTM) DC/DC converter accepts a regulated 5V input (±10%) and provides 1.8Vdc to 3.6Vdc at 6A. The circuit is optimized for high efficiency and fast load transient response needed by telecom, DSP, and microprocessor applications. Advanced thermal design, monolithic power circuitry, planar magnetics, and synchronous rectification result in outstanding performance and value. Pins are staked for wave solderability. Multiple programming, power good and on/ off options allow superior flexibility and drop in compatibility for most existing designs.

Features
● Non isolated DC/DC Converter designed to operate from a regulated 5V bus
● Output voltage Range: 1.8V - 3.6V
● Easy resistive programming for desired output
● No resistive programming gives 3.3 Vdc output
● Wave solderable




Similar Part No. - SS26

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS26 ZOWIE-SS26 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS26 JGD-SS26 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS26 SSE-SS26 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS26 GE-SS26 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS26 MCC-SS26 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
More results


Similar Description - SS26

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
logo
Wall Industries,Inc.
LANC123.3W12 WALL-LANC123.3W12 Datasheet
880Kb / 14P
DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC483.3W12 WALL-LANC483.3W12 Datasheet
1Mb / 14P
DC/DC Converter 36-75 VDC Input 3.3 VDC Output at 3.5A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC4833UW12 WALL-LANC4833UW12 Datasheet
941Kb / 14P
DC/DC Converter 18-75 VDC Input 3.3 VDC Output at 3.5A
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Power-One
Q24T15050-PBA0 POWER-ONE-Q24T15050-PBA0 Datasheet
331Kb / 14P
Q24T15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
Q24S15050-NS00 POWER-ONE-Q24S15050-NS00 Datasheet
327Kb / 14P
Q24S15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
logo
WAGO Kontakttechnik Gmb...
787-2801 WAGO-787-2801 Datasheet
390Kb / 6P
DC/DC Converter; 24 VDC input voltage; 5 VDC output voltage
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com