Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26 Datasheet(PDF) 1 Page - C&D Technologies

Part # SS26
Description  5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SS26 Datasheet(HTML) 1 Page - C&D Technologies

  SS26 Datasheet HTML 1Page - C&D Technologies SS26 Datasheet HTML 2Page - C&D Technologies SS26 Datasheet HTML 3Page - C&D Technologies SS26 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SUPERSIP26 11/99 REV C
Page 1
Product Data Sheet
5 VDC INPUT, 3.3 VDC OUTPUT
DC/DC CONVERTER
SS26 (SuperSIP
SS26 (SuperSIP
SS26 (SuperSIP
SS26 (SuperSIP
SS26 (SuperSIPTT
T
T
TM
M
M
M
M)))))
Features
q Non isolated DC/DC Converter designed to
operate from a regulated 5V bus
q Output voltage Range: 1.8V - 3.6V
q Easy resistive programming for desired output
q No resistive programming gives 3.3 Vdc output
q Wave solderable
Description
The SS26 (SuperSIPTM) DC/DC converter accepts a
regulated 5V input (±10%) and provides 1.8Vdc to 3.6Vdc
at 6A. The circuit is optimized for high efficiency and fast
load transient response needed by telecom, DSP, and
microprocessor applications. Advanced thermal design,
monolithic power circuitr y, planar magnetics, and
synchronous rectification result in outstanding
performance and value. Pins are staked for wave
solderability. Multiple programming, power good and on/
off options allow superior flexibility and drop in compatibility
for most existing designs.
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 520.295.4100
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
More product information and application notes are available
on our website at www.cdpowerelectronics.com


Similar Part No. - SS26

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS26 ZOWIE-SS26 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS26 JGD-SS26 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS26 SSE-SS26 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS26 GE-SS26 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS26 MCC-SS26 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SS26

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
logo
Wall Industries,Inc.
LANC123.3W12 WALL-LANC123.3W12 Datasheet
880Kb / 14P
DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC483.3W12 WALL-LANC483.3W12 Datasheet
1Mb / 14P
DC/DC Converter 36-75 VDC Input 3.3 VDC Output at 3.5A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC4833UW12 WALL-LANC4833UW12 Datasheet
941Kb / 14P
DC/DC Converter 18-75 VDC Input 3.3 VDC Output at 3.5A
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Power-One
Q24T15050-PBA0 POWER-ONE-Q24T15050-PBA0 Datasheet
331Kb / 14P
Q24T15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
Q24S15050-NS00 POWER-ONE-Q24S15050-NS00 Datasheet
327Kb / 14P
Q24S15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
logo
WAGO Kontakttechnik Gmb...
787-2801 WAGO-787-2801 Datasheet
390Kb / 6P
DC/DC Converter; 24 VDC input voltage; 5 VDC output voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com