Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26 Datasheet(PDF) 2 Page - C&D Technologies

Part # SS26
Description  5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SS26 Datasheet(HTML) 2 Page - C&D Technologies

  SS26 Datasheet HTML 1Page - C&D Technologies SS26 Datasheet HTML 2Page - C&D Technologies SS26 Datasheet HTML 3Page - C&D Technologies SS26 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERSIP26 11/99 REV C
Page 2
Electrical Specifications
Unless otherwise specified, operating conditions are as follows: Vin=5V, Vo=3.3V, Io=6A, TA=25°C, Cin=100
µF, Co=0F.
Notes
1.
Input source<3” from SuperSIP™, Load transient <3A per SIP. 100
µF low ESR capacitor for load transients
>3A.
2.
Optional programming 1.8 - 3.6 or +10% available. See Table.
3.
100 lfm air, Vo=3.3V, Io=6A. See Thermal Design Guide for other conditions.
Parameters
Conditions
Min.
Typ.
Max.
Units
Input
Input Voltage
Vin
4.5
5.0
5.5
VDC
Input Current Ripple
200
mARMS
Required Capacitance
Cin
Note 1
0
100
µF
Output
Output Voltage
Vo
Nominal
3.25
3.3
3.35
VDC
Output Program Range
Note 2
1.8
3.6
VDC
Output Current
Io
TA=25°C
0
6
Amps
Output Ripple
20 Mhz BW
15
50
mVp-p
Output Rise time
T
700
µS
Output Capacitance Range
Co
0
5000
µF
Line Regulation
±0.5
%
Load Regulation
Io min-Io max
±1.0
%
Temperature Coefficient
Tc
0.01
%/°C
Combined variation
Vin min-max
Io min-max
TA=25C°-85C°
-2
+2
%
Current Limit
Ilimit
Vin = 4.75Vdc
6.5
9
12
A
General
Switching Frequency
800
kHz
Dynamic Response
∆IO/∆t = 1A/10!sec, Vi = 5.0V, TA = 25°C
Load Change from I O = 0% to IO = 100%
Peak Deviation
30
mV
Settling time (VO<10% Peak Deviation)
100
µsec
Load change from I O = 100% to I O = 0%
Peak Deviation
30
mV
Settling time (VO<10% Peak Deviation)
100
µsec
Temperature
Operating Temperature
Note 3
0
+60
°C
Storage Temperature
-40
+125
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com