Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26 Datasheet(PDF) 4 Page - C&D Technologies

Part # SS26
Description  5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SS26 Datasheet(HTML) 4 Page - C&D Technologies

  SS26 Datasheet HTML 1Page - C&D Technologies SS26 Datasheet HTML 2Page - C&D Technologies SS26 Datasheet HTML 3Page - C&D Technologies SS26 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUPERSIP26 11/99 REV C
Page 4
Ordering Information
Typical examples:
Pin Out
Pin
Function
Description
1Vo
Output Voltage
2Vo
Output Voltage
3Vo
Output Voltage
4
GND
Ground
5
GND
Ground
6VIN
Input Voltage
7VIN
Input Voltage
7A
Pgood
Power Good Option
8
Trim
Output Voltage Adjust
9
Enable
Enable Option
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant
any C&D TECHNOLOGIES product for use in life support devices/systems or in aircraft control applications.
Power Good
Enable
Programming (See Table 2)
A = Pin 7A installed for Power
A = logic1 or open = ON
A = Standard 3.3V with Pin 8 open
Good option
logic 0 or gnd = OFF
or program per Table 2.
B = Pin omitted (industry standard)
B = logic 0 or gnd = ON
logic 1 = OFF
Mechanical
TOLERANCES
+.008” for 3 place decimals
+ .02” for 2 place decimals
+ .002” for pin diameter
.14 (3.56)
0.28 (7.2)
1
2
3 4
2.50 (63.5)
1.900 (48.26)
.200 (5.08)
0.025 (64)
SQUARE TIP
OPTIONAL
0.100 (2.54)
0.55 (14.0)
0.14
(3.56)
0.30
(7.62)
.16 (4.06)
5
6
7 7A 8
9
SS
26
-
A
-
A
-
A
Standard configuration 5V to 3.3V
with 1.8V-3.6V trim range
SS
26
-
B
-
A
-
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com