Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP1WS Datasheet(PDF) 1 Page - RFE international

Part # KNP1WS
Description  POWER RESISTORS: WIRE WOUND KN(P & Y) Series: Tubular Wire Wound
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

KNP1WS Datasheet(HTML) 1 Page - RFE international

  KNP1WS Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C2DC02
REV 2004.6.15
POWER RESISTORS: WIRE WOUND
KN(P & Y) Series: Tubular Wire Wound
FEATURES
•Excellent heat dissipation, small linear temp. coeff.
•Instant overload capability
•Nonflame, light weight
•Silicon resin coating available
•Non-inductively wound type available
•KNP type is available on tape through 5WS size
TEMPERATURE RISE
0
20
40
60
80
100
120
Rated Load (%)
1W
2W
3W
5W
7W
10W
50
100
150
200
250
DERATING CURVE
PART NUMBER EXAMPLE
KNP 1W R - 10R - J
Tolerance
Resistance
B=Bulk, R=Reel, A=Ammo
Wattage
Series
ELECTRICAL CHARACTERISTICS
Test Items
Res. Temp Coeff.
Short Time Overload
Rated Load
Insulation Resistance
Temp. Cycle
Load Life
Moister-Proof Load Life
Condition
JIS.C.5202.5.2
10X rated wattage for 5 seconds
Rated wattage for 30min.
500V megger
-30°C ~ 85°C 5 cycles
70°C on-off cycle 1,000 hrs
40°C 95% RH on-off cycle 1K hrs
Specification
<20W±400PPM>20W±260PPM
±2%
±1%
1,000MW min
±1%
±5%
±3%
ELECTRICAL CHARACTERISTICS
Part Number
KNP
D±0.5
L±1.0
H±3
d±0.05
Resistance
Range ( W)
Dielectric
Voltage(V)
KNP1WS
KNP2WS
KNP1W
KNP2W
KNP3WS
KNP3W
KNP5WS
KNP5W
KNP7W
KNP8W
KNP10W
KNY
KNY2W
KNY3W
KNY5W
KNY7W
KNY10W
Dimension (mm)
3.5
5
8
4.5
4.5
5
6
8
8
8
6
Dmax
L±1.5
H±1
P±0.5
B±0.5
5.5
6.5
8.5
8.5
8.5
25
25
30
53
9
11.5
11.5
26
0.6
35
35
33
33
32
38
38
38
38
0.8
32
17.5
17.5
15.5
12
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
16
16
24
30
53
19
19
21.5
21.5
21.5
8
10
15
20
43
4.5
4.5
6
6
6
500
500
1000
1000
1000
1 ~ 2K
1 ~ 1K
0.5 ~ 560
0.1 ~ 200
0.1 ~ 50
0.1 ~ 47
0.1 ~ 100
0.1 ~ 330
0.1 ~ 100
0.1 ~ 330
0.1 ~ 560
0.1 ~ 560
0.1 ~ 1K
0.1 ~ 1K
0.1 ~ 1.5K
1 ~ 2K
300
500
500
500
500
500
500
1000
1000
1000
1000
•Special tape to tape size by request
Standard
Tape
T52
Standard
Packing
T73
T73
T73
T73
T73
T73
T73
Bulk
Bulk
Bulk
Bulk
Bulk
Bulk
Bulk
Bulk
2500
2000
2000
1000
1000
1000
1000
1000
500
500
500
500
500
500
500
500
40 70
155
275
0
20
40
60
80
100
-50
0
100
50
150 200 250 300
Ambient Temperature (°C)
3W-10W
1W-2W
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - KNP1WS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
KNP1WS-103JTR MERITEK-KNP1WS-103JTR Datasheet
111Kb / 1P
Nonflame Wirewound Resistors
More results

Similar Description - KNP1WS

ManufacturerPart #DatasheetDescription
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
List of Unclassifed Man...
MCKNP03SJ0270A19 ETC2-MCKNP03SJ0270A19 Datasheet
397Kb / 10P
Wire Wound Fixed Resistors
RW1S ETC-RW1S Datasheet
832Kb / 1P
WIRE WOUND RESISTORS
GG102A ETC-GG102A Datasheet
598Kb / 1P
PRECISION WIRE WOUND RESISTORS
5G10A ETC-5G10A Datasheet
557Kb / 1P
PRECISION WIRE WOUND RESISTORS
logo
Dubilier
DWR DUBILIER-DWR Datasheet
326Kb / 2P
Power Wire Wound Resistors
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
Fusible Wire Wound Resistors
19-JUN-2023
KNP RFE-KNP Datasheet
1Mb / 3P
Wire Wound Resistors
OCT-25-2023
SKN RFE-SKN Datasheet
971Kb / 3P
Wire Wound Resistors
OCT-30-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com