Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83205 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # VT83205
Description  3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT83205 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  VT83205 Datasheet HTML 1Page - Vaishali Semiconductor VT83205 Datasheet HTML 2Page - Vaishali Semiconductor VT83205 Datasheet HTML 3Page - Vaishali Semiconductor VT83205 Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VT83205
2001-03-08
Page
2
MDST-0001-01
www.vaishali.com
Vaishali Semiconductor
1300 White Oaks Road, Ste 200
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Figure 2. Pin Configuration
Table 1. Pin Description
Name
Pin #
Type
Description
X1
1
XI
Crystal connection. Connect to a pullable crystal of 10–14.318 MHz
VDD1
2,3
P
Core VDD. Connect to 3.3V
VIN
4
I
Voltage input to VCXO. Zero to 3V signal controls the frequency of the VCXO.
GND
5,6,13
P
Connect to ground.
S2
7
I
Select input #2. Selects outputs per Table 2
OE
8
I
Active HIGH Output enable . Outputs in Hi-Z state when LOW
CLK1
9
O
Clock output #1 per Table 2.
SO
10
I
Select input #0. Selects output per Table 2
VDD2
11
P
Output VDD. Connect to 3.3V
CLK2
12
O
Clock output #2 per Table 2
S1
14
I
Select input #1. Selects outputs per Table 2
NC
15
-
There is no internal connection to this pin.
X2
16
XO
Crystal connection. Connect to a pullable crystal of 10 MHz – 14.318 MHz.
Legend: I = Input
O = Output
P = Power supply connection
XI, XO = Crystal connections.
Table 2. Pullable Crystal Specifications
Parameter
Value
Correlation (load) capacitance
30 pF
C0/C1
240 max
ESR
35
Ω max
Operating Temperature
0
°C to +70°C
Initial Accuracy
±20 ppm
Temperature + Aging Stability
±50 ppm
VT83205 Pinout
VDD2
VDD1
GND
GND
CLK2
CLK1
X1
VDD1
VIN
GND
S2
NC
S1
S0
OE
X2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com