Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83205 Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # VT83205
Description  3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT83205 Datasheet(HTML) 3 Page - Vaishali Semiconductor

  VT83205 Datasheet HTML 1Page - Vaishali Semiconductor VT83205 Datasheet HTML 2Page - Vaishali Semiconductor VT83205 Datasheet HTML 3Page - Vaishali Semiconductor VT83205 Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VT83205
2001-03-08
Page
3
MDST-0001-01
www.vaishali.com
Vaishali Semiconductor
1300 White Oaks Road, Ste 200
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 3 Clock Selection Table (OE = High)
S2
S1
S0
CLK1
CLK2
0
0
0
REF/4
REF/2
0
0
M
(1)
OFF
X 0.666
0
0
1
OFF
X 2.6666
0
1
0
OFF
X 4
0
1
M
(1)
OFF
X 1.5
0
1
1
OFF
X 1.3333
1
0
0
Test
Test
1
0
M
(1)
OFF
X 4
1
0
1
OFF
X 2
1
1
0
OFF
X 3
1
1
M
(1)
OFF
X 5
1
1
1
OFF
X 6
Note:
1.
SO has three valid states: 0 = VIN
≤ 0.5V
1 = VIN
≥ VDD – 0.5
M = 0.5V
< VIN < VDD – 0.5V
Table 4 Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Supply voltage, VDD
Referenced to GND
5
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only and correct functional operation of the device at these or any
other conditions above those listed in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect product reliability.
Table 5 Operating Conditions
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage, VDD
3.15
3.3
3.45
V
Input High Voltage, VIH, X1 pin only
2.5
V
Input Low Voltage, VIL, X1 pin only
0.4
V
Input High Voltage, VIH, binary inputs
S2, S1, OE
2
V
Input Low Voltage, VIL, binary inputs
S2, S1, OE
0.8
V
Input High Voltage, VIH, trinary input
S0
VDD-0.5
V
Input Low Voltage, VIL, trinary input
S0
0.5
V
Operating Temperature
0
70
°C
VCXO control voltage, VIN
0
3
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com