Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83201/DW Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # VT83201/DW
Description  3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT83201/DW Datasheet(HTML) 4 Page - Vaishali Semiconductor

  VT83201/DW Datasheet HTML 1Page - Vaishali Semiconductor VT83201/DW Datasheet HTML 2Page - Vaishali Semiconductor VT83201/DW Datasheet HTML 3Page - Vaishali Semiconductor VT83201/DW Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VT83201
2001-04-12
Page
4
MDST-0011-01
www.Vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 6. AC Electrical Characteristics
TA = 0
°C to +70°C, VDD = 3.15 V to 3.45 V
Symbol
Parameter
Condition
Min
Typ
Max
Units
Fosc
Input Crystal Frequency
10
20
MHz
tr
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
tf
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
tod
Output Clock Duty Cycle
At VDD/2
40
60
%
tpZL, tpZH
Enable Time. OE to CLK
CL = 50pf
5
6.5
ns
tpLZ, tpHZ
Disable Time. OE to CLK
CL = 50pf
4
5.5
ns
tjit (pk – pk)
Maximum Absolute Jitter
(Peak to Peak)
±100
ps
Phase Noise, relative to
carrier
10 KHz offset
-115
dBc/Hz
Output pullability
0V <VIN <3V
±100
ppm
Note:
1. Typical values are at VDD = 3.3V and 25°C
Table 7 Pullable Crystal Specifications
Parameter
Value
Correlation (load) capacitance
30 pF
C0/C1
240 max
ESR
35
Ω max
Operating Temperature
0
°C to +70°C
Initial Accuracy
±20 ppm
Temperature + Aging Stability
±50 ppm
Figure 3. External Crystal Connection Block Diagram
Ordering Information
Part Number
Marking
Shipping/Packaging
No. of Pins
Package
Temperature
VT83201S1
VT83201S1
Tubes
16
SOIC
0
°C to +70°C
VT83201S1X
VT83201S1
Tape & Reel
16
SOIC
0
°C to +70°C
VT83201/D
Dice in waffle packe
0
°C to +70°C
VT83201/DW
Dice in wafer form
0
°C to +70°C
XTAL OSC
PLL
CLOCK
GEN
OE
X2
X1
XTAL OSC
PLL
CLOCK
GEN
OE
10-20 MHz
Pullable Crystal
Clk 1
Clk 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com