Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT83201/DW Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # VT83201/DW
Description  3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT83201/DW Datasheet(HTML) 1 Page - Vaishali Semiconductor

  VT83201/DW Datasheet HTML 1Page - Vaishali Semiconductor VT83201/DW Datasheet HTML 2Page - Vaishali Semiconductor VT83201/DW Datasheet HTML 3Page - Vaishali Semiconductor VT83201/DW Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2001-04-12
Page
1
MDST-0011-01
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Applications
•= DSL clock source
•= Set-top boxes
•= Telecom switching
•= MPEG Video clock source
•= HDTV
General Description
The Vaishali VT83201 is a single-chip, integrated VCXO and Phase Locked Loop (PLL) clock synthesizer.
The device uses the VCXO and an analog Phase-Locked Loop (PLL) to accept a 10 MHz to 20 MHz, 30pF
(pull range of 200 ppm) crystal input, in order to produce either one or two output clocks. A 0 to 3V control
signal is used to fine tune the output clock frequency in the ±100ppm range. Select inputs S0 and S1 are
used for frequency and output selection.
Features
•= 3.3V supply operation
•= Packaged in 16-pin SOIC package
•= Replaces separate VCXO and multiplier
•= Uses inexpensive pullable crystal
•= On-chip VCXO with 200 ppm pull range (±100 ppm)
•= 5V-tolerant control inputs
•= Zero ppm synthesis error in both
clocks
VT83201
3.3V Low Phase Noise VCXO
(Voltage-Controlled Crystal Oscillator)
and PLL Clock Synthesizer
Figure 1. Functional Block Diagram
CLK1
CLK2
VDD1
VDD2
X2
Load Cap Control
Low
Phase
Noise
PLL
Output
Buffer
Output
Buffer
osc
Load
Caps
OE
10-20 MHz
Pullable
Crystal
S1:S0
VIN
X1


Similar Part No. - VT83201/DW

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT83205 VAISH-VT83205 Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83205/D VAISH-VT83205/D Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83205Q VAISH-VT83205Q Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83205QX VAISH-VT83205QX Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83205S1 VAISH-VT83205S1 Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
More results

Similar Description - VT83201/DW

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT83027 VAISH-VT83027 Datasheet
70Kb / 3P
27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
VT83205 VAISH-VT83205 Datasheet
79Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVHD-952 CRYSTEKCRYSTAL-CVHD-952 Datasheet
161Kb / 1P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952 Datasheet
183Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV5032SC NDK-NV5032SC Datasheet
325Kb / 1P
Low Phase Noise Type Voltage Controlled Crystal Oscillator(VCXO)
logo
Crystek Corporation
CVPD-952 CRYSTEKCRYSTAL-CVPD-952_17 Datasheet
306Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV5032SC NDK-NV5032SC_18 Datasheet
634Kb / 1P
Low Phase Noise Type Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com