Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SFPC5LN Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVM-SFPC5LN
Description  FLEXSTRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SFPC5LN Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVM-SFPC5LN Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
■ ABSOLUTE MAXIMUM RATINGS AT Ta = 25 ℃
■ TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS AT 24VDC Ta = 25℃
SYMBOL
Unit
*
λp
Peak Emission Wavelength
nm
λd
nm
2θ1/2
deg
IU
mA
IR
A
ΦU
lm
ΦR
lm
* White products are provided with different color temperature bins. (see following paragraph)
Note
1. Luminous flux measurement tolerance : +/- 10%
2. View angle of the LED is the off-axis angle from the optical center line to the
1/2 luminous intensity of the peak value.
150
420
990
1.2
1.2
1.2
2.5
7.0
16.5
110
110
110
20
20
20
520
*
470
525
*
25V
W3SLN
25V
B3SLN
G3SLN
W3SLN
Power Dissipation / Reel / 60Units
37.5W
Electrostatic Discharge (Contact Mode)
±2000V
PARAMETER
Operating Voltage (max.)
-
30 ℃ to +50 ℃
-
30 ℃ to +85 ℃
Operating Current / Reel
LED Viewing Angle
Operating Current / Unit
Dominant Wavelength
Blue
Green
White
465
Bright View Electronics
FLEXSTRIP LIGHT
Power Dissipation / Unit
0.63W
BVM-SFPC5 LN SERIES
B3SLN
25V
G3SLN
BVM-SFPC5
Operating Temperature Range
Storage Temperature Range
PARAMETER
Color
Luminous Flux / Unit
Luminous Flux / Reel
Date:2008/10/9
Page :3 of 7
Version :A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com