Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVM-SFPC5LN Datasheet(PDF) 6 Page - Bright View Electronic Co., LTD.

Part # BVM-SFPC5LN
Description  FLEXSTRIP LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-SFPC5LN Datasheet(HTML) 6 Page - Bright View Electronic Co., LTD.

  BVM-SFPC5LN Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVM-SFPC5LN Datasheet HTML 7Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
■ PACKING
Bright View Electronics
FLEXSTRIP LIGHT
BVM-SFPC5 LN SERIES
24
RE
Y
PART NO.:
Bright View
Q'ty
GRADE:
LOT NO.:
26
CARTON
Dimension(cm): 39 x 24 x 26
ITEM NO.
DEVICE:
Q'TY
PCS.
N. W .:
KGS.
G. W .:
KGS.
39
Carton : 20 Reels
Electronics Co.,Ltd.
ELECTRO STATIC SENSITIVE DEVICES
DO NOT OPEN OR HANDLE EXCEPT
AT A STATIC-FREE W ORKSTATION
QA
Anti-electrostatic bag
Pb-Free / RoHS Compliant
Date:2008/10/9
Page :6 of 7
Version :A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com